Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3928 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3928
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3928 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3928 Datasheet HTML 1Page - National Semiconductor (TI) LP3928 Datasheet HTML 2Page - National Semiconductor (TI) LP3928 Datasheet HTML 3Page - National Semiconductor (TI) LP3928 Datasheet HTML 4Page - National Semiconductor (TI) LP3928 Datasheet HTML 5Page - National Semiconductor (TI) LP3928 Datasheet HTML 6Page - National Semiconductor (TI) LP3928 Datasheet HTML 7Page - National Semiconductor (TI) LP3928 Datasheet HTML 8Page - National Semiconductor (TI) LP3928 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Absolute Maximum Ratings (Notes 3,
4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
BAT,VCCB
−0.2V to +6.5V
V
CCA
−0.2V to +3.3V
A
1–A3, EN, DIR
−0.2V to V
CCA + 0.2V
B
1–B3, LatchClk
−0.2V to V
CCB + 0.2V
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Note 27)
235˚C
Pad Temperature (Note 27)
235˚C
Power Dissipation (Note 5)
θ
JA (micro SMD), typical
180˚C/W
Maximum Power Dissipation
micro SMD
360 mW
ESD Rating (Note 6)
Human Body Model
2 kV
Operating Conditions (Notes 3, 4)
V
BAT
3.05V to 6.0V
V
CCA
1.65V to 1.95V
V
CCB
(Note 7)
Junction Temperature
−40˚C to +125˚C
Ambient Temperature
−40˚C to +85˚C
Maximum Power Dissipation (Note 8)
220 mW
Electrical Characteristics Unless otherwise specified: H = V
IH min, L = VIL max, CVBAT = 1 µF, IOUT =1
mA, C
VCCB = 1 µF, CVCCA = 1 µF. Typical values and limits appearing in standard typeface apply for TJ = 25˚C. Limits ap-
pearing in boldface type apply over the entire junction temperature range for operation, −40˚C to +125˚C. (Note 9)
Level Shifter DC Voltage Levels
Unless otherwise specified: EN1 = H, EN2 = X; 3.05V
≤ V
BAT
≤ 6V, 1.65V ≤ V
CCA
≤ 1.95V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IHA
High Level Input Voltage
For A Pins
V
CCA*0.65
V
CCA+0.2
V
V
ILA
Low Level Input Voltage
0V
CCA*0.35
V
V
OHA
High Level Output Voltage
For A Pins
I
OH=4 mA
V
CCA−0.45
1.5
V
CCA+0.2
V
V
OLA
Low Level Output Voltage
I
OL=4 mA
0
0.1
V
CCA*0.25
V
V
IHB
High Level Input Voltage
For B Pins
V
CCB*0.7
V
CCB+0.2
V
V
ILB
Low Level Input Voltage
0V
CCB*0.3
V
V
OHB
High Level Output Voltage
For B Pins
I
OH=4 mA
V
CCB*0.7
2.75
V
CCB+0.2
V
V
OLB
Low Level Output Voltage
I
OL=4 mA
0
0.1
V
CCB*0.2
V
V
IHEN-DIR
High Level Input Voltage
For EN and DIR Pins
V
CCA*0.75
V
CCA+0.2
V
V
ILEN-DIR
Low Level Input Voltage
0V
CCA*0.27
V
V
IHLatClk
High Level Input Voltage
For LatchClk Pin
V
CCB*0.7
V
CCB+0.2
V
V
ILLatClk
Low Level Input Voltage
0V
CCA*0.3
V
Level Shifter DC Current Levels
Unless otherwise specified: EN1 = H, EN2 = X; V
BAT = 6VorVCCA = 1.95V as applicable to B or A respectively.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
IA
Input Leakage Current Ai
Vi
A=0/1.9V, DIRi=H
(V
CCA = 1.8V when ViA = 1.9V)
0.001
±2
µA
I
IDIR_EN
Input Leakage Current
DIR/EN
(Note 11)
Vi=0/1.9V (V
CCA = 1.8V when Vi =
1.9V)
0.001
±2
µA
I
IB
Input Leakage Current Bi,
LatchClk (Note 12)
Vi
B=0/2.95V, DIRi=L
0.001
±2
µA
I
CHA
→B
Static I
CCB Current/Channel
Static I
CCB Current Total
(Notes 13, 17)
EN2=H, DIRi=H,
Total Includes I
BCOM
550
2050
875
3330
µA
I
CHB
→A
Static I
CCB Current/Channel
Static I
CCB Current Total
(Notes 14, 17)
EN2=L, DIRi=L
Total Includes I
BCOM
2
406
30
840
µA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com