Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3527G-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # S3527G-S16-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3527G-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  S3527G-S16-R Datasheet HTML 1Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 2Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 3Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 4Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 5Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S3527
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R114-005.A
MARKING
DIP-16
SOP-16
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
PGI
Power good input signal pin
2
GND
Ground
3
FPOB
Fault protection output pin, open drain output
4
PSONB
On/Off switch input
5
I12A
12VA over current protection sense input
6
RI
Current sense adjust input
7
I12B
12VB over current protection sense input
8
V12B
12VB over voltage & under voltage & over current sense input pin
9
VX
Extra protection sense input
10
I5
5V over current protection sense input
11
I33
3.3V over current protection sense input
12
V12A
12VA over voltage & under voltage & over current sense input pin
13
V33
3.3V over voltage & under voltage & over current sense input pin
14
V5
5V over voltage & under voltage & over current sense input pin
15
VCC
Power supply
16
PGO
Power good output signal pin, open drain output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com