Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3527G-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # S3527G-S16-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3527G-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  S3527G-S16-R Datasheet HTML 1Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 2Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 3Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 4Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 5Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S3527
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R114-005.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC, V12A
-0.3~16
V
PGI, PSONB
-0.3~VCC+0.3(Max. 7V)
V5, I5, V33, I33
-0.3~V12A+0.3(Max. 7V)
Input Voltage
I12A, V12B, I12B
-0.3~V12A+0.3(Max. 16V)
V
PGO
-0.3~VCC+0.3(Max. 7V)
Output Voltage
FPOB
-0.3~16
V
Operating Temperature
-40~125
°C
Storage Temperature
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
3.8
5
16
V
PGI, PSONB, V5, V33
7
V
Input Voltage
V12A, V12B
16
V
PGO
7
V
Output Voltage
FPOB
16
V
FPOB
0.3V
10
mA
Output Sink Current
PGO
0.3V
10
mA
Output Current For RI
RI
10
65
uA
ELECTRICAL CHARACTERISTICS (VCC=5V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OVER VOLTAGE DETECTION
V33
3.8
3.9
4.0
V
V5
5.6
5.8
6.0
V
V12AB
13.5
13.85 14.2
V
Over Voltage Threshold
VX
Use UVD Timing
1.176
1.20 1.224
V
ILEAKAGE Leakage Current
FPOB
V(FPOB)=5V
5
uA
VOL Low level Output Voltage
FPOB
ISINK=10mA
0.3
V
PGI AND PGO
V33
2.6
2.9
3.0
V
V5
4.0
4.4
4.6
V
Under Voltage Threshold
V12AB
9
10.65 11.0
V
Input Threshold Voltage
PGI
1.2
V
ILEAKAGE Leakage Current
PGO
PGO=5V
5
uA
VOL Low level Output Voltage
PGO
ISINK=10mA
0.5
V
Offset Voltage Of OCP Comparators
-6
6
mV
PSONB
Input Pull-up Current
PSONB=0V
150
uA
High-level Input Voltage
1.8
V
Low-level Input Voltage
1.2
V
TOTAL DEVICE
ICC Supply Current
PSONB=5V
1
mA
VCC Operation Start Up Voltage
3.2
3.4
3.6
V
VCC Under Lockout Voltage
2.8
3.0
3.2
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com