Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3527G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # S3527G-S16-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3527G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  S3527G-S16-R Datasheet HTML 1Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 2Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 3Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 4Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 5Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
S3527
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R114-005.A
PC POWER SUPPLY
SUPERVISOR
DESCRIPTION
The UTC S3527 is designed for switch power supply system.
Four important functions of UTC S3527 are the following: the Over
Voltage Detector (OVD), the Under Voltage Detector (UVD), the
Over Current Detector (OCD) and power good signal generating.
OVD/UVD monitor 3.3V, 5V and dual 12V to protect our power
supply and PC, FPO goes to high when one of these supply
voltages exceeds their normal operation voltage range.
OCD monitors I33, I5, I12 input current sense. An adjustable
over-current condition composed of Iref and “protection current
range resistor” helps users design OCD easily.
Power good signal generating notifies personal computer when
power supply is ready or power supply is going to shutdown,
therefore it can provide a reliable power supply environment.
FEATURES
* The Over Voltage Detector (OVD) monitors VX, V33,
V5, V12A and V12B input voltage.
* The Under Voltage Detector (UVD) monitors V33, V5,
V12A and V12B input voltage.
* The Over Current Detector (OCD) monitors I33&V33,
I5&V5, I12A&V12A and I12B&V12B input pins.
* The VX>1.2V provide an extra protection.
* Both of the power good output (PGO) and fault
protection latch (FPOB) are Open Drain Output.
* 75/600ms time delay for UVD/OCD/VX.
* 300ms time delay for PGO.
* 38ms for PSONB input signal De–bounce.
* 14us for OVD internal signal De–glitch.
* 1ms for UVD/VX internal signal De–glitch.
* 20ms for OCD internal signal De–glitch.
* 73us for PGI internal signal De–glitch.
* 4ms for PSONB turn-off FPOB.
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
S3527L-D16-T
S3527G-D16-T
DIP-16
Tube
-
S3527G-S16-R
SOP-16
Tape Reel


Similar Part No. - S3527G-S16-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S3520 MICROSEMI-S3520 Datasheet
119Kb / 3P
Silicon Power Rectifier
S3520 MICROSEMI-S3520 Datasheet
136Kb / 2P
SILICON POWER RECTIFIER
S3520 MICROSEMI-S3520 Datasheet
148Kb / 2P
Silicon Power Rectifier
S3520PF MICROSEMI-S3520PF Datasheet
172Kb / 3P
Silicon Power Rectifier
S3520PF MICROSEMI-S3520PF Datasheet
187Kb / 3P
Silicon Power Rectifier
More results

Similar Description - S3527G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3515A UTC-3515A Datasheet
239Kb / 9P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_12 Datasheet
351Kb / 11P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_15 Datasheet
387Kb / 12P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7527 WELTREND-WT7527 Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
PC POWER SUPPLY SUPERVISOR
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
PC Power Supply Supervisor
January 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com