Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3527G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # S3527G-S16-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3527G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  S3527G-S16-R Datasheet HTML 1Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 2Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 3Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 4Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 5Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
S3527
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R114-005.A
ELECTRICAL CHARACTERISTICS (VCC=5V, TA=-40°C~125°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
PGI To PGO Delay Time
Td1
100
300
400
mS
Td2
20
75
100
mS
For 160
392
600
800
mS
Short Circuit Delay Time
Td2-1
For 161
mS
PGO To FPOB Delay Time
Td3
2
4
6
mS
Under Voltage Delay Time
Td4
40
60
81
μS
Over Current Delay Time
Td5
13
20
27
mS
Over Voltage Delay Time
Td6
9
14
19
μS
VX Delay Time
Td7
40
60
81
μS
PSONB De-bounce Time
Tb1
24
38
52
mS
PGI De-bounce Time
Tb2
47
73
100
μS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com