Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3527G-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # S3527G-S16-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3527G-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  S3527G-S16-R Datasheet HTML 1Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 2Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 3Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 4Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 5Page - Unisonic Technologies S3527G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S3527
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R114-005.A
BLOCK DIAGRAM
+
-
UN
-
+
OV
+
-
UN
VCC
VCCI
PSONB
V33
VX
VREF=1.2V
1.2V~1.8V
PWR
38ms
debounce
-
+
OV
-
+
OV
-
+
OV
-
+
OV
+
-
UN
+
-
UN
-
+
-
+
-
+
-
+
-
+
V12A
V12A
V12A
V12A
IREF*8
IREF*8
IREF*8
IREF*8
Power On Reset
PWR
clr
4ms
delay
clr
75ms/
600ms
delay
clr
1ms
debounce
clr
14us
debounce
clr
73us
debounce
clr
20ms
debounce
Bandgap
Reference
Internal
Power
VREF=1.2V
VCCI=3.6V
PWR
CLK
OSC
R
SQ
300ms
delay
clr
V12A
V12A
IREF=VREF/RI
VREF=1.2V
+-
V5
V12A
V12B
PGI
I33
I5
I12A
I12B
RI
PGO
FPOB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com