Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX115 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products MAX115 Datasheet HTML 10Page - Maxim Integrated Products MAX115 Datasheet HTML 11Page - Maxim Integrated Products MAX115 Datasheet HTML 12Page - Maxim Integrated Products MAX115 Datasheet HTML 13Page - Maxim Integrated Products MAX115 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
______________________________________________________________________________________
13
part of the current (torque) feedback loop. The
MAX115/MAX116 digitize the currents and deliver raw
data to the following DSP and controller stages, where
the vector processing takes place. Sensorless vector
control uses a computer model for the motor and an
algorithm to split each output current into its magnetiz-
ing (stator current) and torque-producing (rotor current)
components.
If a two-to-three phase conversion is not practical,
three currents can be sampled simultaneously with the
addition of a third sensor (not shown). Optional voltage
(position) feedback can be derived by measuring two
phase voltages (CH3A, CH4A). Typically, an isolated
differential amplifier is used between the motor and the
MAX115/MAX116. Again, the third phase voltage can
be derived from the magnitude (phase voltage) and its
relative phase.
For optimum speed control and good load regulation
close to zero speed, additional velocity and position
feedback are derived from an encoder or resolver and
brought to the MAX115/MAX116 at CH4B. The addi-
tional channels can be used to evaluate slower analog
inputs, such as the main DC bus voltage (CH2B), tem-
perature sensors (CH3B), or other analog inputs (AUX,
CH1B).
Power-Supply Bypassing
and Ground Management
For optimum system performance, use printed circuit
boards with separate analog and digital ground planes.
Wire-wrapped boards are not recommended. Connect
the two ground planes together at the low-impedance
power-supply source. For the best ground connection,
connect the DGND and AGND pins together and con-
nect that point to the system analog ground plane to
avoid interference from other digital noise sources. If
DGND is connected to the system digital ground, digi-
tal noise may get through to the ADC’s analog portion.
The AGND pins must be connected directly to a low-
impedance ground plane. Extra impedance between
the pins and the ground plane increases crosstalk and
degrades INL.
MAIN DC
12 BIT ADC +
MICRO-
SEQUENCER
CH1
CH2
CH3
CH4
A
B
A
B
TEMP
A
B
A
B
AUX
MAIN DC
VELOCITY
FEEDBACK
AC
MOTOR
MAX115
MAX116
AC
MOTOR
R/E
RESOLVER/
ENCODER
µC
DSP
12
POWER
STAGE
CONTROLLER
EXTERNAL
SETPOINTS
Figure 10. Vector Motor Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com