Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX115 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX115 Datasheet HTML 1Page - Maxim Integrated Products MAX115 Datasheet HTML 2Page - Maxim Integrated Products MAX115 Datasheet HTML 3Page - Maxim Integrated Products MAX115 Datasheet HTML 4Page - Maxim Integrated Products MAX115 Datasheet HTML 5Page - Maxim Integrated Products MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
4
_______________________________________________________________________________________
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IOUT = 1mA
V
4
VOH
Output High Voltage
IOUT = -1.6mA
V
0.4
VOL
Output Low Voltage
D0–D11
µA
±10
Three-State Leakage Current
pF
10
Three-State Output
Capacitance
V
4.75
5
5.25
AVDD
Positive Supply Voltage
V
-5.25
-5
-4.75
AVSS
Negative Supply Voltage
V
4.75
5
5.25
DVDD
Digital Supply Voltage
mA
17
25
IAVDD
Positive Supply Current
mA
-20
-15
IAVSS
Negative Supply Current
mA
36
Digital Supply Current
µA
1
Shutdown Positive Current
µA
-1
Shutdown Negative Current
µA
13
Shutdown Digital Current
(Note 10)
LSB
±1
PSRR+
Positive Supply Rejection
(Note 10)
LSB
±1
PSRR-
Negative Supply Rejection
(Note 11)
mW
175
Power Dissipation
DIGITAL OUTPUTS (D0–D11, INT)
POWER REQUIREMENTS
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V ±5%, AVSS = -5V ±5%, DVDD = +5V ±5%, VREFIN = +2.5V (external reference), AGND = DGND = 0, 4.7µF capacitor
from REFOUT to AGND, 0.1µF capacitor from REFIN to AGND, fCLK = 16MHz, external clock, 50% duty cycle. TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
TIMING CHARACTERISTICS
(See Figure 4, AVDD = +5V, AVSS = -5V, DVDD = +5V, AGND = DGND = 0, TA = TMIN to TMAX, Typical values are at TA = +25°C,
unless otherwise noted.)
Guaranteed by design
ns
0
tCWS
CS to WR Setup Time
Guaranteed by design
ns
0
tCWH
CS to WR Hold Time
ns
30
tWR
WR Low Pulse Width
ns
30
CONDITIONS
tAS
Address Setup Time
ns
0
tAH
Address Hold Time
25pF load
ns
55
tID
RD to INT Delay
ns
45
tRD
Delay Time Between Reads
Guaranteed by design
ns
0
tCRS
CS to RD Setup Time
Guaranteed by design
ns
0
tCRH
CS to RD Hold Time
ns
30
tRD
RD Low Pulse Width
25pF load (Note 12)
ns
40
tDA
Data-Access Time
25pF load (Note 13)
ns
545
tDH
Bus-Relinquish Time
ns
30
tCW
CONVST Pulse Width
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com