Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX115 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX115 Datasheet HTML 1Page - Maxim Integrated Products MAX115 Datasheet HTML 2Page - Maxim Integrated Products MAX115 Datasheet HTML 3Page - Maxim Integrated Products MAX115 Datasheet HTML 4Page - Maxim Integrated Products MAX115 Datasheet HTML 5Page - Maxim Integrated Products MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = +5V ±5%, AVSS = -5V ±5%, DVDD = +5V ±5%, VREFIN = +2.5V (external reference), AGND = DGND = 0, 4.7µF capacitor
from REFOUT to AGND, 0.1µF capacitor from REFIN to AGND, fCLK = 16MHz, external clock, 50% duty cycle. TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND ...........................................................-0.3V to 6V
AVSS to AGND ............................................................0.3V to -6V
DVDD to DGND ...........................................................-0.3V to 6V
AGND to DGND .......................................................-0.3V to 0.3V
CH_ _ to AGND....................................................................±17V
REFIN, REFOUT to AGND ..........................................-0.3V to 6V
Digital Inputs/Outputs to DGND ..............-0.3V to (DVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
36-Pin SSOP (derate 11.8mW/°C above +70°C) ..........941mW
Operating Temperature Ranges
MAX115_CAX/MAX116_CAX ...............................0°C to +70°C
MAX115_EAX/MAX116_EAX ............................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s)....................................300°C
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
All channels
12
N
Resolution
Bits
0.6
±1
INL
Integral Nonlinearity (Note 2)
LSB
MAX115
±5
±15
Bipolar Zero Error
±30
Bipolar Zero-Error Match
Between all channels
mV
25
MAX115
180
µV/°C
Zero-Code Tempco
±5
±15
mV
Gain Error
±25
MAX115
25
mV
Gain Error Match
120
MAX115
Gain Error Tempco
µV/°C
SNR
Signal-to-Noise Ratio
dB
-80
THD
(Notes 4, 5)
Total Harmonic Distortion
dB
80
SFDR
(Note 4)
Spurious-Free Dynamic Range
dB
80
(Note 6)
Channel-to-Channel Isolation
dB
LSB
0.6
±1
DNL
Differential Nonlinearity
69
(Note 4)
MAX116
mV
±5
±10
±18
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
MAX116
90
±5
±10
±18
MAX116
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
60
MAX116
DC ACCURACY (Note 1)
DYNAMIC PERFORMANCE (fCLK = 16MHz, fIN = 10.06kHz) (Notes 1, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com