Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX115 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX115 Datasheet HTML 3Page - Maxim Integrated Products MAX115 Datasheet HTML 4Page - Maxim Integrated Products MAX115 Datasheet HTML 5Page - Maxim Integrated Products MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products MAX115 Datasheet HTML 10Page - Maxim Integrated Products MAX115 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
_______________________________________________________________________________________
7
MUX
2.50V
BANDGAP REFERENCE
REFIN
10k
Ω
AGND
REFOUT
MUX
T/H
T/H
T/H
T/H
A
B
MUX
A
B
MUX
A
B
MUX
CH1A
CH1B
CH2A
CH2B
CH3A
CH3B
CH4A
CH4B
A
B
12-BIT
DAC
CONTROL LOGIC
BUS INTERFACE
CLK
CONVST
INT
CS
RD
WR
DVDD
DGND
SAR
4x12
RAM
VREF
THREE-STATE
OUTPUT
DRIVERS
AVDD
AGND
AVSS
D0/A2
D1/A3
D2
A0
A1
D3
D11 (MSB)
MAX115
MAX116
VREF
COMP
10MHz
CLOCK
Figure 2. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com