Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX115 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX115 Datasheet HTML 1Page - Maxim Integrated Products MAX115 Datasheet HTML 2Page - Maxim Integrated Products MAX115 Datasheet HTML 3Page - Maxim Integrated Products MAX115 Datasheet HTML 4Page - Maxim Integrated Products MAX115 Datasheet HTML 5Page - Maxim Integrated Products MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V ±5%, AVSS = -5V ±5%, DVDD = +5V ±5%, VREFIN = +2.5V (external reference), AGND = DGND = 0, 4.7µF capacitor
from REFOUT to AGND, 0.1µF capacitor from REFIN to AGND, fCLK = 16MHz, external clock, 50% duty cycle. TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX115
V
±5
VIN
Input Voltage Range
MAX115 (-5V to +5V range)
µA
±625
IIN
Input Current
pF
16
CIN
Input Capacitance
ns
600
tACQ
Acquisition Time
MHz
10
Small-Signal Bandwidth
MHz
1.3
Full-Power Bandwidth
mV/ms
2
Drop Rate
ns
10
Aperture Delay
ps
30
Aperture Jitter
ps
500
Aperture-Delay Matching
TA = +25°C
V
2.462
2.5
2.532
VREFOUT
Output Voltage
0 < IREF < 1mA
mV/mA
0.5
External Load Regulation
(Note 8)
ppm/°C
30
REFOUT Tempco
µF
0.1
External Capacitive Bypass
at REFIN
V
2.40
2.50
2.60
Input Voltage Range
µF
4.7
22
External Capacitive Bypass
at REFOUT
µA
±50
Input Current
k
Ω
10
Input Resistance (Note 9)
pF
10
Input Capacitance
MHz
16
External Clock Frequency
V
2.4
VIH
Input High Voltage
V
0.8
VIL
Input Low Voltage
CONVST, RD, WR, CS, CLK
±1
pF
15
CIN
Input Capacitance
A0–A3
µA
±10
IIN
Input Current
MAX116
±2.5
MAX116 (-2.5V to +2.5V range)
±15
MHz
5.6
10
14.8
Internal Clock Frequency
ANALOG INPUT
TRACK/HOLD
REFERENCE OUTPUT (Note 7)
REFERENCE INPUT
EXTERNAL CLOCK
DIGITAL INPUTS (CONVST, RD, WR, CS, CLK, A0–A3) (Note 1)
INTERNAL CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com