Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP101 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP101
Description  Microcontroller Supervisory Circuit with Push-Pull Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP101 Datasheet(HTML) 4 Page - Microchip Technology

  MCP101 Datasheet HTML 1Page - Microchip Technology MCP101 Datasheet HTML 2Page - Microchip Technology MCP101 Datasheet HTML 3Page - Microchip Technology MCP101 Datasheet HTML 4Page - Microchip Technology MCP101 Datasheet HTML 5Page - Microchip Technology MCP101 Datasheet HTML 6Page - Microchip Technology MCP101 Datasheet HTML 7Page - Microchip Technology MCP101 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MCP100/101
DS11187D-page 4
Preliminary
© 1999 Microchip Technology Inc.
2.3
Effect of Temperature on Timeout
Period (tRPU)
The timeout period (tRPU) determines how long the
device remains in the reset condition. This is controlled
by an internal RC timer and is effected by both VDD and
temperature. The graph shown in Figure 2-3 shows
typical response for different VDD values and tempera-
tures.
FIGURE 2-3: Typical tRPU vs. Temperature
FIGURE 2-4: IDD vs. Temperature
FIGURE 2-5: Normalized VTRIP vs. Temperature
FIGURE 2-6: VOL vs. IOL
FIGURE 2-7: Normalized IOL vs. Temperature
-40
-20
20
60
TEMPERATURE (°C)
600
500
400
300
200
100
80
100
040
700
VDD = 5V
VDD = 4V
VDD = 3V
VDD = 6V
-40
-20
20
60
TEMPERATURE (°C)
50
40
30
20
10
0
80
100
040
60
VDD = 5V
VDD = 3V
VDD = 5.5V
VDD = 4V
-40
-20
20
60
TEMPERATURE (°C)
1.000
0.998
0.996
0.994
0.992
0.997
80
100
040
1.002
* Multiply value at 25°C by this factor to
determine the value at temperature
02
6
10
500
400
300
200
100
0
12
48
600
700
800
14
16
18
20
VDD = 3.5V
VDD = 1.5V
VDD = 4.5V
VDD = 2.5V
TA = +25°C
IOL (mA)
-40
-20
20
60
TEMPERATURE (°C)
1.2
1.1
1.00
0.9
0.8
0.7
80
100
040
1.3
* Multiply value at 25°C by this factor to
determine the value at temperature
11187d.book Page 4 Friday, September 10, 1999 8:52 AM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com