Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP101 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP101
Description  Microcontroller Supervisory Circuit with Push-Pull Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP101 Datasheet(HTML) 5 Page - Microchip Technology

  MCP101 Datasheet HTML 1Page - Microchip Technology MCP101 Datasheet HTML 2Page - Microchip Technology MCP101 Datasheet HTML 3Page - Microchip Technology MCP101 Datasheet HTML 4Page - Microchip Technology MCP101 Datasheet HTML 5Page - Microchip Technology MCP101 Datasheet HTML 6Page - Microchip Technology MCP101 Datasheet HTML 7Page - Microchip Technology MCP101 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS11187D-page 5
MCP100/101
FIGURE 2-8: VDD - VOH vs. IOH
FIGURE 2-9: Normalized VOH vs. Temperature
02
6
10
500
400
300
200
100
0
48
600
700
800
VDD = 3.5V
VDD = 5V
VDD = 2.5V
TA = +25°C
IOH (mA)
-40
-20
20
60
TEMPERATURE (°C)
1.06
1.04
1.00
0.98
0.96
0.94
80
100
040
1.08
* Multiply value at 25°C by this factor to
determine the value at temperature
VDD=4.5V
IOH=8.5mA
VDD=3V
IOH=3.2mA
0.88
0.90
0.92
1.02
11187d.book Page 5 Friday, September 10, 1999 8:52 AM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com