Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP101 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP101
Description  Microcontroller Supervisory Circuit with Push-Pull Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP101 Datasheet(HTML) 7 Page - Microchip Technology

  MCP101 Datasheet HTML 1Page - Microchip Technology MCP101 Datasheet HTML 2Page - Microchip Technology MCP101 Datasheet HTML 3Page - Microchip Technology MCP101 Datasheet HTML 4Page - Microchip Technology MCP101 Datasheet HTML 5Page - Microchip Technology MCP101 Datasheet HTML 6Page - Microchip Technology MCP101 Datasheet HTML 7Page - Microchip Technology MCP101 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS11187D-page 7
MCP100/101
MCP100/101 PRODUCT IDENTIFICATION SYSTEM
Sales and Support
Package:
TO = TO-92 (3-lead) [offered in bags only]
TT = SOT-23 (3-lead) [offered in tape & reel only]
Temperature
I= –40°C to +85°C (only offered in I)
Range
Bondout
Option
(TO-92 only)
D = D Bond Option (see bond option chart below)
H = H Bond Option
RESET/RESET
V
TRIP Voltage
270 = 2.55
≤ V
TRIP ≤ 2.70
300 = 2.85
≤ V
TRIP ≤ 3.00
315 = 3.00
≤ V
TRIP ≤ 3.15
450 = 4.25
≤ V
TRIP ≤ 4.50
460 = 4.35
≤ V
TRIP ≤ 4.60
475 = 4.50
≤ V
TRIP ≤ 4.75
485 = 4.60
≤ V
TRIP ≤ 4.85
Device:
MCP100 = Supervisor circuit with active low RESET output
MCP100T = Supervisor circuit with active low RESET output
(tape & reel)
MCP101 = Supervisor circuit with active high RESET output
MCP101T = Supervisor circuit with active high RESET output
(tape & reel)
MCP100/101—xxx b I /pp
VSS
VDD
RST
VDD
MCP100-xxxH I/TO
MCP101-xxxH I/TO
MCP100-xxxD I/TO
MCP101-xxxD I/TO
MCP100-xxx I/TT
MCP101-xxx I/TT
TO-92 with
‘D’ Bondout
TO-92 with
‘H’ Bondout
SOT-23-3
Product Identification Options for MCP100/101
Example of Product Identification:
For the MCP100 (active low RESET pin) with VTRIP range of 2.55V -
2.70V in T0-92 package with ‘H’ bond option in industrial temp range,
the part number would be: MCP100-270H I/TO.
VDD
OR
RST
RST
OR
RST
RST
OR
RST
VSS
VSS
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 786-7277.
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
11187d.book Page 7 Friday, September 10, 1999 8:52 AM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com