Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP101 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP101
Description  Microcontroller Supervisory Circuit with Push-Pull Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP101 Datasheet(HTML) 2 Page - Microchip Technology

  MCP101 Datasheet HTML 1Page - Microchip Technology MCP101 Datasheet HTML 2Page - Microchip Technology MCP101 Datasheet HTML 3Page - Microchip Technology MCP101 Datasheet HTML 4Page - Microchip Technology MCP101 Datasheet HTML 5Page - Microchip Technology MCP101 Datasheet HTML 6Page - Microchip Technology MCP101 Datasheet HTML 7Page - Microchip Technology MCP101 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MCP100/101
DS11187D-page 2
Preliminary
© 1999 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VDD ..................................................................................7.0V
All inputs and outputs w.r.t. VSS...............-0.6V to VDD +1.0V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD protection on all pins
..................................................≥ 2 kV
*Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
DC AND AC CHARACTERISTICS
All parameters apply at the specified
temp and voltage ranges unless oth-
erwise noted.
VDD = 1.0 - 5.5V
Industrial (I):-40°C to +85°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Operating Voltage Range
VDD
1.0
5.5
V
VDD Value to Guarantee RESET/
RESET
VDDMIN
1.0
V
Operating current
IDD
45
60
µA
VDD = 5.5V (no load)
VDD Trip Point
MCP10X-270
MCP10X-300
MCP10X-315
MCP10X-450
MCP10X-460
MCP10X-475
MCP10X-485
VTRIP
2.55
2.85
3.0
4.25
4.35
4.50
4.60
2.625
2.925
3.075
4.375
4.475
4.625
4.725
2.7
3.0
3.15
4.50
4.60
4.75
4.85
V
RESET Low Level
Output Voltage
(MCP100)
MCP100-270
MCP100-300
MCP100-315
VOL
0.4
V
IOL = 3.2mA, VDD = VTRIPMIN
MCP100-450
MCP100-460
MCP100-475
MCP100-485
0.6
IOL = 8.5mA, VDD = VTRIPMIN
RESET High Level
Output Voltage
(MCP100)
MCP100-XXX
(All VTRIP Points)
VOH
VDD-0.7
V
IOH = 3mA,VDD > VTRIPMAX
RESET Low Level
Output Voltage
(MCP101)
MCP101-270
MCP101-300
MCP101-315
VOL
0.4
V
IOL = 3.2mA, VDD > VTRIPMAX
MCP101-450
MCP101-460
MCP101-475
MCP101-485
0.6
IOL = 8.5mA, VDD > VTRIPMAX
RESET High level
Output Voltage
(MCP101)
MCP101-XXX
(All VTRIP Points)
VOH
VDD-0.7
V
IOH = 3mA,VDD = VTRIPMIN
Threshold Hysteresis
VHYS
50
mV
VDD Detect to RESET/RESET Inactive
tRPU
150
350
700
ms
VDD Detect to RESET/RESET
tRPD
10
µs
VDD ramped from VTRIPMAX +
250mV down to VTRIPMIN -
250mV
11187d.book Page 2 Friday, September 10, 1999 8:52 AM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com