Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP101 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP101
Description  Microcontroller Supervisory Circuit with Push-Pull Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP101 Datasheet(HTML) 1 Page - Microchip Technology

  MCP101 Datasheet HTML 1Page - Microchip Technology MCP101 Datasheet HTML 2Page - Microchip Technology MCP101 Datasheet HTML 3Page - Microchip Technology MCP101 Datasheet HTML 4Page - Microchip Technology MCP101 Datasheet HTML 5Page - Microchip Technology MCP101 Datasheet HTML 6Page - Microchip Technology MCP101 Datasheet HTML 7Page - Microchip Technology MCP101 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS11187D-page 1
MCP100/101
FEATURES
• Holds microcontroller in reset until supply voltage
reaches stable operating level
• Resets microcontroller during power loss
• Precision monitoring of 3V, 3.3V, and 5V systems
• 7 voltage trip points available
• Active low RESET pin (MCP100) or active high
RESET (MCP101)
• Push-pull output
• Holds RESET/RESET for 350 ms (typical)
• Guaranteed RESET/RESET to VDD = 1.0V
• Accuracy of ±125mV for 5V systems and ±75mV
for 3V systems over temperature
• 45 µA typical operating current
• Temperature range:
- Industrial (I): -40
°C to +85°C
DESCRIPTION
The Microchip Technology Inc. MCP100/101 is a volt-
age supervisory device designed to keep a microcon-
troller in reset until the system voltage has reached the
proper level and stabilized. It also operates as protec-
tion from brown-out conditions when the supply voltage
drops below a safe operating level. Both devices are
available with a choice of seven different trip voltages
and both have push-pull outputs. The MCP100 has a
low active RESET pin and the MCP101 has a high
active RESET pin. The MCP100/101 will assert the
RESET/RESET signal whenever the voltage on the
VDD pin is below the trip-point voltage.
PACKAGES
BLOCK DIAGRAM
VSS
VDD
RST
VSS
VDD
MCP100
MCP101
MCP100
MCP101
VSS
VDD
MCP100
MCP101
TO-92 with
‘D’ Bondout
TO-92 with
‘H’ Bondout
SOT-23-3
RST
OR
RST
RST
OR
RST
RST
OR
Bandgap
Reference
Delay
Circuit
Output
Driver
RESET
VDD
+
-
Comparator
RESET
or
Microcontroller Supervisory Circuit with Push-Pull Output
11187d.book Page 1 Friday, September 10, 1999 8:52 AM


Similar Part No. - MCP101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP101-270DI/TO MICROCHIP-MCP101-270DI/TO Datasheet
308Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
MCP101-270DI/TT MICROCHIP-MCP101-270DI/TT Datasheet
308Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
MCP101-270HI/TO MICROCHIP-MCP101-270HI/TO Datasheet
308Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
MCP101-270HI/TT MICROCHIP-MCP101-270HI/TT Datasheet
308Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
MCP101-300DI/TO MICROCHIP-MCP101-300DI/TO Datasheet
308Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
More results

Similar Description - MCP101

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP730 SIPEX-SP730 Datasheet
107Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
logo
Microchip Technology
MCP120 MICROCHIP-MCP120 Datasheet
221Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
2001
logo
Sipex Corporation
SP730 SIPEX-SP730_05 Datasheet
612Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
logo
Microchip Technology
MCP100 MICROCHIP-MCP100_01 Datasheet
281Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
2001
MCP809 MICROCHIP-MCP809 Datasheet
320Kb / 14P
MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
2001
MCP130T-315ITT MICROCHIP-MCP130T-315ITT Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP100-450DI-TO MICROCHIP-MCP100-450DI-TO Datasheet
308Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP130-450HI MICROCHIP-MCP130-450HI Datasheet
167Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
118 921-5820
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com