Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L00 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS35L00
Description  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 1 Page - Cirrus Logic

  CS35L00 Datasheet HTML 1Page - Cirrus Logic CS35L00 Datasheet HTML 2Page - Cirrus Logic CS35L00 Datasheet HTML 3Page - Cirrus Logic CS35L00 Datasheet HTML 4Page - Cirrus Logic CS35L00 Datasheet HTML 5Page - Cirrus Logic CS35L00 Datasheet HTML 6Page - Cirrus Logic CS35L00 Datasheet HTML 7Page - Cirrus Logic CS35L00 Datasheet HTML 8Page - Cirrus Logic CS35L00 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Copyright
 Cirrus Logic, Inc. 2011
(All Rights Reserved)
http://www.cirrus.com
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Gate Drivers
Class-H
Controller
Advanced ΔΣ
Modulator
Gate Drivers
Internal
Oscillator
Gain
Gain
Audio In +
Audio In -
Shutdown
Speaker Out +
Speaker Out -
GND
VBATT
2.5V - 5V
LDO Filter
Short Circuit/Thermal
Protection
MODE
Low Drop-Out
Voltage Regulator
Gain Select
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 Features
Hybrid Class-D Architecture
– <1 mA Quiescent Current
– 1 x 2.8 W into 4
Ω (10% THD+N)
– 1 x 2.3 W into 4
Ω (1% THD+N)
– 1 x 1.7 W into 8
Ω (10% THD+N)
– 1 x 1.4 W into 8
Ω (1% THD+N)
Advanced
ΔΣ Closed-loop Modulation
– 98 dB Signal-to-Noise Ratio (A-Weighted)
– 0.02% THD+N @ 1 W (SD & HD Mode)
Integrated Protection and Automatic Recovery
for Output Short-circuit and Thermal Overload
Thermally Enhanced 10-pin DFN Package with
Pin-selectable Gain of +6 dB or +12 dB
Pop and Click Suppression
Common Applications
Laptops
Netbooks
Portable Navigation Devices
Active Speakers
Portable Gaming
General Description
The CS35L00 is a 2.8 W high efficiency Hybrid Class-D
audio amplifier with low idle current consumption and a
selectable gain.
The CS35L00 features an advanced closed-loop archi-
tecture to provide 0.02% THD+N at 1 W and -88 dB
PSRR at 217 Hz.
A flexible Hybrid Class-D output stage offers four
modes of operation: Standard Class-D (SD) mode of-
fers full audio bandwidth and high audio performance;
Hybrid Class-D (HD) mode offers a substantial reduc-
tion in idle power consumption with an integrated Class-
H controller; Reduced Frequency Class-D (FSD) mode
reduces the output switching frequency, producing low-
er electromagnetic interference (EMI); and Reduced
Frequency Hybrid Class-D (FHD) mode produces both
the lower idle power consumption of HD mode and the
reduced EMI benefits of FSD mode.
Requiring minimal external components and PCB
space, the CS35L00 is available in a 3.0 mm x 3.0 mm,
10-pin DFN package in Commercial grade (-10°C to
+70°C). Please see “Ordering Information” on page 33
for package options and gain configurations.
CS35L00
FEB '11
DS906PP1


Similar Part No. - CS35L00

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZR CIRRUS-CS35L00-CNZR Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
More results

Similar Description - CS35L00

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Cirrus Logic
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
2.8 W filter-free mono class D audio power amplifier
18-Jan-2010
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Texas Instruments
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
Mono 2.9 W Class-D Audio Amplifier
10/12-Revision 0
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
5/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com