Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L00 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS35L00
Description  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS35L00 Datasheet HTML 12Page - Cirrus Logic CS35L00 Datasheet HTML 13Page - Cirrus Logic CS35L00 Datasheet HTML 14Page - Cirrus Logic CS35L00 Datasheet HTML 15Page - Cirrus Logic CS35L00 Datasheet HTML 16Page - Cirrus Logic CS35L00 Datasheet HTML 17Page - Cirrus Logic CS35L00 Datasheet HTML 18Page - Cirrus Logic CS35L00 Datasheet HTML 19Page - Cirrus Logic CS35L00 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
CS35L00
16
DS906PP1
In both HD and FHD mode, the value of the capacitance connected to the LFILT+ pin must not exceed
4.7
μF. If this value is greater than 4.7 μF, it will prevent the rail voltage of the output devices from transi-
tioning properly between VBATT and the internal LDO.
5.1.2.1
HD Mode
Hybrid Class-D mode (HD) provides competitive analog performance with a substantial reduction in idle
power dissipation and radiation emissions. In this mode, the output switches at 192 kHz and a secondary
supply is derived from VBATT using an internal 1.0 VDC low drop-out linear regulator (LDO). When the
output signal is at a low amplitude, the Class-D output stage begins to switch from the lower rail voltage
created by the internal LDO. This not only decreases idle power consumption when output capacitors are
used, but also reduces electromagnetic emissions by reducing the amplitude of the square waves being
created at the output of the CS35L00 when operating at low amplitude or idle power.
5.1.2.2
FHD Mode
The Reduced Frequency Hybrid Class-D (FHD) mode provides the best overall EMI performance and the
lowest power consumption with slightly decreased frequency response near the top frequency range of
the audio band, for high amplitude signals. In this mode of operation, the output switching frequency is
reduced to 76 kHz during high amplitude transients on the output. The threshold at which this transition
from 192 kHz to 76 kHz switching rate occurs is given as the Input Level Threshold for FHD Operation in
“Electrical Characteristics - FHD Mode” on page 13. Combined with the lower amplitude switching offered
by the Hybrid design, this reduction in switching energy dramatically reduces the emissions levels of the
output stage and its associated components.
5.2
Reducing the Gain with External Series Resistors
If necessary, it is possible to decrease the gain of the CS35L00 by adding series resistors to the audio input
signal as is shown in Figure 4 below.
If input resistors are added, the new gain of the amplifier can be determined by the following equation:
Where:
AV(adjusted) = The new, adjusted gain of the system
Audio In+
Audio In-
RIN
RIN
AIN+
AIN-
x
x
Figure 4. Adjusting Gain via External Series Resistance
A
V adjusted
()
A
V
20
–
Z
IN
Z
IN
Z
EXT
+
--------------------------


log
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com