Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L00 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS35L00
Description  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS35L00 Datasheet HTML 26Page - Cirrus Logic CS35L00 Datasheet HTML 27Page - Cirrus Logic CS35L00 Datasheet HTML 28Page - Cirrus Logic CS35L00 Datasheet HTML 29Page - Cirrus Logic CS35L00 Datasheet HTML 30Page - Cirrus Logic CS35L00 Datasheet HTML 31Page - Cirrus Logic CS35L00 Datasheet HTML 32Page - Cirrus Logic CS35L00 Datasheet HTML 33Page - Cirrus Logic CS35L00 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
CS35L00
DS906PP1
33
9. ORDERING INFORMATION
10.REVISION HISTORY
Product
Description
Package Pb-Free
Grade
Temp Range
Container
Order#
CS35L00 2.8 W Mono Audio
Amplifier with select-
able gain
10-DFN Yes
Commercial -10° to +70°C Rail
CS35L00-CNZ
Tape and Reel CS35L00-CNZR
Release
Changes
A1
Initial Release
A2
– Updated all output switching frequency references to fsw1 from 200 kHz to 192 kHz.
– Updated all output switching frequency references to fsw2 from 80 kHz to 76 kHz.
– Updated front page title, features, and common applications.
– Updated front page block diagram.
– Updated Section 3. Typical Connection Diagrams to show 10
μF and 0.1 μF power-supply decoupling
capacitors.
– Reorganized location of individual specifications in electrical characteristics tables based on measured
device performance in different operational modes (“Electrical Characteristics - All Operational Modes”
on page 9, “Electrical Characteristics - SD Mode” on page 10, “Electrical Characteristics - FSD Mode”
on page 11, “Electrical Characteristics - HD Mode” on page 12, and “Electrical Characteristics - FHD
Mode” on page 13).
– The following specification changes have been made in “Electrical Characteristics - SD Mode” on
page 10, “Electrical Characteristics - FSD Mode” on page 11, “Electrical Characteristics - HD Mode” on
page 12, and “Electrical Characteristics - FHD Mode” on page 13:
– Added “Common-Mode Rejection Ratio” test conditions (Vripple =1 VPP and fripple = 217 Hz)
– Updated “Signal to Noise Ratio” to be specified as A-Weighted
– Updated “Idle Channel Noise” to be specified as both A-Weighted & Unweighted
– Updated “Idle Current Draw” to be specified with no load at 3 voltages (5.0 V, 4.2 V, and 3.7 V)
– Changed “Max Input Before Clipping specification to “Input Voltage @ 1 % THD+N”
– Updated specification typical values for 1% Output Power, 10% Output Power, THD+N @ 1 W, SNR
A-Weighted, Idle Channel Noise A-Weighted, Idle Channel Noise (unweighted), Frequency
Response, Output Switching Frequency, Input Impedance, and Input Voltage @ 1% THD+N
– Updated “Operating Efficiency” to be specified with 8
Ω + 33
μH and 4 Ω + 33 μH in “Electrical
Characteristics - All Operational Modes” on page 9.
– Modified “Power-Up Time” specification into “Start-Up Time” and “Zero Crossing Power-Up” and added
a cross-reference in “Power-Up & Power-Down Characteristics” on page 14.
– Moved power-up and power-down timing specifications from “Electrical Characteristics - All Operational
Modes” on page 9 to their own specification table, “Power-Up & Power-Down Characteristics” on
page 14.
– Renamed “Thermal Error Wait Time (WTE)” to “Thermal Error Retry Time (RTE)” in “Electrical
Characteristics - All Operational Modes” on page 9 and in Section 5.5 Over Temperature Protection and
added (Note 10) Thermal Error cross reference from spec table to description section.
– Updated “Operating Efficiency” specification (
η) in “Electrical Characteristics - All Operational Modes”
on page 9.
– Updated “MOSFET On Resistance” specification (RDS(ON)) in “Electrical Characteristics - All
Operational Modes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com