Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L00 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS35L00
Description  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS35L00 Datasheet HTML 18Page - Cirrus Logic CS35L00 Datasheet HTML 19Page - Cirrus Logic CS35L00 Datasheet HTML 20Page - Cirrus Logic CS35L00 Datasheet HTML 21Page - Cirrus Logic CS35L00 Datasheet HTML 22Page - Cirrus Logic CS35L00 Datasheet HTML 23Page - Cirrus Logic CS35L00 Datasheet HTML 24Page - Cirrus Logic CS35L00 Datasheet HTML 25Page - Cirrus Logic CS35L00 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
CS35L00
22
DS906PP1
Note:
16. “Idle Current Draw vs. VBATT - SD Mode” capacitor values refer to CFILT when configured as the
“CS35L00’s Minimized Optional Output Filter”, shown in Figure 5 on page 17.
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
2.5
3
3.544.555.5
VBATT Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VBATT Supply Voltage (V)
Figure 14. Idle Current Draw vs. VBATT - SD Mode
RL =8 Ω +33 μH (Note 16)
Figure 15. Output Power vs. VBATT - SD Mode
RL = 8 Ω
1% THD+N Ratio
RL = 8 Ω
10% THD+N Ratio
RL = 4 Ω
1% THD+N Ratio
RL = 4 Ω
10% THD+N Ratio
No Filter
470 pF
1000 pF
2200 pF
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
250
500
750
1000
1250
1500
1750
2000
Output Power (mW)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
500
1000
1500
2000
2500
3000
3500
Output Power (mW)
Figure 16. Efficiency vs. Output Power - SD Mode
RL =8 Ω +33 μH
Figure 17. Efficiency vs. Output Power - SD Mode
RL =4 Ω +33 μH
4.2 V
3.7 V
4.2 V
3.7 V
5.0 V
5.0 V
0
50
100
150
200
250
300
350
400
450
0
250
500
750
1000
1250
1500
1750
2000
Output Power (mW)
0
100
200
300
400
500
600
700
800
0
500
1000
1500
2000
2500
3000
3500
Output Power (mW)
Figure 18. Supply Current vs. Output Power - SD Mode
RL =8 Ω +33 μH
Figure 19. Supply Current vs. Output Power - SD Mode
RL =4 Ω +33 μH
5.0 V
4.2 V
3.7 V
5.0 V
4.2 V
3.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com