Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L00 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS35L00
Description  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS35L00 Datasheet HTML 26Page - Cirrus Logic CS35L00 Datasheet HTML 27Page - Cirrus Logic CS35L00 Datasheet HTML 28Page - Cirrus Logic CS35L00 Datasheet HTML 29Page - Cirrus Logic CS35L00 Datasheet HTML 30Page - Cirrus Logic CS35L00 Datasheet HTML 31Page - Cirrus Logic CS35L00 Datasheet HTML 32Page - Cirrus Logic CS35L00 Datasheet HTML 33Page - Cirrus Logic CS35L00 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
CS35L00
32
DS906PP1
8.4.1
Determining Maximum Ambient Temperature
To determine (to a first order approximation) the maximum ambient temperature in which the CS35L00
will operate, the following equations can be used:
Where:
Tmax = The maximum ambient temperature in which the device can operate.
Top = The operating temperature of the device, given a dissipated power “Pmax” and a known thermal
impedance “
θJA”.
TTE = The Over-Temperature Error Threshold, given in the “Characteristics & Specifications” section on
page 8.
θJA = The thermal impedance of the device and PCB. (This value is highly subjective to a number of ap-
plication specific scenarios. The numbers given in Table 2 on page 31 can be used for a first order ap-
proximation, but proper characterization of the application’s specific PCB and supporting mechanicals is
needed to increase the accuracy of the result achieved here.)
Pmax = The maximum power at which the amplifier will be operated continuously. (For conservative esti-
mates, the 10% THD+N rated power given in “Characteristics & Specifications” section on page 8 can be
used. However, this method will predict higher operating temperatures than what may be seen in the ap-
plication, since power content of audio signals is much smaller than that of the sine wave used to establish
the power specifications.)
η = The efficiency of the device at the power Pmax. (A safe, conservative assumption is 85%)
T
op
θ
JA
1
η
–
() P
×
max
()
×
=
T
max
T
TE
T
op
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com