Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CSZ Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8406-CSZ
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZ Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8406-CSZ Datasheet HTML 10Page - Cirrus Logic CS8406-CSZ Datasheet HTML 11Page - Cirrus Logic CS8406-CSZ Datasheet HTML 12Page - Cirrus Logic CS8406-CSZ Datasheet HTML 13Page - Cirrus Logic CS8406-CSZ Datasheet HTML 14Page - Cirrus Logic CS8406-CSZ Datasheet HTML 15Page - Cirrus Logic CS8406-CSZ Datasheet HTML 16Page - Cirrus Logic CS8406-CSZ Datasheet HTML 17Page - Cirrus Logic CS8406-CSZ Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
14
DS580F6
CS8406
a) With TCBL set to input, driving TCBL high for >3 OMCK clocks will cause a frame start, as well as a new
channel status block start.
b) If the serial audio input port is in Slave Mode and TCBL is set to output, the start of the A channel sub-
frame will be aligned with the leading edge of ILRCK.
The timing of TCBL, VLRCK, C, U, and V are illustrated in Figure 8 and Figure 9. VLRCK is the internal vir-
tual word clock signal, and is used here only to illustrate the timing of the C, U, and V bits. In Stereo Mode
VLRCK = AES3 frame rate and in Mono Mode VLRCK = 2 x AES3 frame rate. If the serial audio input port
is set to Slave Mode and TCBL is an output, VLRCK = ILRCK when SILRPOL = 0 and VLRCK = ILRCK
when SILRPOL = 1. If the serial audio input port is set to master mode and TCBL is a n input,
VLRCK = ILRCK when SILRPOL = 0 and VLRCK = ILRCK when SILRPOL = 1.
VCU[0]
VCU[1]
VCU[2]
VCU[3]
VCU[4]
VLRCK
V/C/U
Data [4]
Data [5]
Data [6]
Data [7]
Data [8]
SDIN
Data [0]
Data [1]
Data [2]
Data [3]
Data [4]
TXP(N)
Z
Y
X
Y
X
Tsetup
Thold
Tth
TCBL
Figure 8. AES3 Transmitter Timing for C, U, and V Pin Input Data, Stereo Mode
Note:
1. Tsetup  15% AES3 frame rate
2. Thold =0
3. Tth > 3 OMCKS if TCBL is an input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com