Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CSZ Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8406-CSZ
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZ Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8406-CSZ Datasheet HTML 21Page - Cirrus Logic CS8406-CSZ Datasheet HTML 22Page - Cirrus Logic CS8406-CSZ Datasheet HTML 23Page - Cirrus Logic CS8406-CSZ Datasheet HTML 24Page - Cirrus Logic CS8406-CSZ Datasheet HTML 25Page - Cirrus Logic CS8406-CSZ Datasheet HTML 26Page - Cirrus Logic CS8406-CSZ Datasheet HTML 27Page - Cirrus Logic CS8406-CSZ Datasheet HTML 28Page - Cirrus Logic CS8406-CSZ Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
DS580F6
25
CS8406
9. PIN DESCRIPTION - SOFTWARE MODE
VD
6
Digital Power (Input) - Digital core power supply. Typically +3.3 V or +5.0 V.
VL
23
Logic Power (Input) - Input/Output power supply. Typically +3.3 V or +5.0 V.
GND
22
Ground (Input) - Ground for I/O and core logic.
RST
9
Reset (Input) - When RST is low, the CS8406 enters a low power mode and all internal states are reset.
On initial power up, RST must be held low until the power supply is stable, and all input clocks are stable
in frequency and phase. This is particularly true in Hardware Mode with multiple CS8406 devices, where
synchronization between devices is important.
H/S
24
Hardware/Software Control Mode Select (Input) -Determines the method of controlling the operation
of the CS8406, and the method of accessing CS and U data. In Software Mode, device control and CS
and U data access is primarily through the control port, using a microcontroller. To select Software
Mode, this pin should be permanently tied to GND.
TXN
TXP
25
26
Differential Line Drivers (Output) - These pins transmit biphase encoded data. The drivers are pulled
low while the CS8406 is in the reset state.
OMCK
21
Master Clock (Input) - The frequency can be set through the control port registers.
ISCLK
13
Serial Audio Bit Clock (Input/Output) - Serial bit clock for audio data on the SDIN pin.
ILRCK
12 Serial Audio Input Left/Right Clock (
Input
/Output) - Word rate clock for the audio data on the SDIN
pin.
SDIN
14
Serial Audio Data Port (Input) - Audio data serial input pin.
SDA / CDOUT
SCL / CCLK
AD0 / CS
AD1 / CDIN
AD2
TXP
RXP
TXN
TSTN
H/S
VD
VL
TEST
GND
TEST
OMCK
RST
U
TEST
INT
TEST
TEST
ILRCK
TEST
ISCLK
TEST
SDIN
TCBL
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
9
10
11
12
17
18
19
20
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com