Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CSZ Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS8406-CSZ
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZ Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS8406-CSZ Datasheet HTML 31Page - Cirrus Logic CS8406-CSZ Datasheet HTML 32Page - Cirrus Logic CS8406-CSZ Datasheet HTML 33Page - Cirrus Logic CS8406-CSZ Datasheet HTML 34Page - Cirrus Logic CS8406-CSZ Datasheet HTML 35Page - Cirrus Logic CS8406-CSZ Datasheet HTML 36Page - Cirrus Logic CS8406-CSZ Datasheet HTML 37Page - Cirrus Logic CS8406-CSZ Datasheet HTML 38Page - Cirrus Logic CS8406-CSZ Datasheet HTML 39Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
DS580F6
37
CS8406
troller. This is also true if the channel status data is entered serially through the COPY/C pin when the part
is in Hardware Mode.
16.1.2
Serial Copy Management System (SCMS)
In Software Mode, the CS8406 allows read/modify/write access to all the channel status bits. For Con-
sumer Mode SCMS compliance, the host microcontroller needs to manipulate the Category Code, Copy
bit and L bit appropriately.
In Hardware Mode, the SCMS protocol can be followed by either using the COPY and ORIG input pins,
or by using the C bit serial input pin. These options are documented in the Hardware Mode section of this
data sheet.
16.1.3
Channel Status Data E Buffer Access
The E buffer is organized as 24 x 16-bit words. For each word the MS Byte is the A channel data, and the
LS Byte is the B channel data (see Figure 17).
There are two methods of accessing this memory, known as One-Byte Mode and Two-Byte Mode. The
desired mode is selected through a control register bit.
16.1.3.1 One-Byte Mode
In many applications, the channel status blocks for the A and B channels will be identical. In this situation,
if the user reads a byte from one of the channel's blocks, the corresponding byte for the other channel will
be the same. Similarly, if the user wrote a byte to one channel's block, it would be necessary to write the
same byte to the other block. One-Byte Mode takes advantage of the often identical nature of A andB chan-
nel status data.
When reading data in One-Byte Mode, a single byte is returned, which can be from channel A or B data,
depending on a register control bit. If a write is being done, the CS8406 expects a single byte to be input
to its control port. This byte will be written to both the A and B locations in the addressed word.
One-Byte Mode saves the user substantial control port access time, as it effectively accesses 2 bytes worth
of information in 1 byte's worth of access time. If th e control port's auto increment addressing is used in
combination with this mode, multi-byte accesses such as full-block reads or writes can be done especially
efficiently.
EtoF interrupt occurs
Optionally set E to F inhibit
If set, clear E to F inhibit
Return
Write E data
Wait for E to F transfer
Figure 18. Flowchart for Writing the E Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com