Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CSZ Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS8406-CSZ
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZ Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS8406-CSZ Datasheet HTML 11Page - Cirrus Logic CS8406-CSZ Datasheet HTML 12Page - Cirrus Logic CS8406-CSZ Datasheet HTML 13Page - Cirrus Logic CS8406-CSZ Datasheet HTML 14Page - Cirrus Logic CS8406-CSZ Datasheet HTML 15Page - Cirrus Logic CS8406-CSZ Datasheet HTML 16Page - Cirrus Logic CS8406-CSZ Datasheet HTML 17Page - Cirrus Logic CS8406-CSZ Datasheet HTML 18Page - Cirrus Logic CS8406-CSZ Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
DS580F6
15
CS8406
U[0]
U[2]
Data [4]
Data [5]
Data [6]
Data [7]
Data [8]
Data [0]*
Data [2]*
Data [4]*
Z
Y
X
* Assume MMTLR = 0
Data [1]*
Data [3]*
Data [5]*
ZY
X
* Assume MMTLR = 1
Tth
VLRCK
U
SDIN
TXP(N)
TCBL
TXP(N)
Figure 9. AES3 Transmitter Timing for C, U, and V Pin Input Data, Mono Mode
Note:
1. Tsetup  15% AES3 frame rate
2. Thold =0
3. Tth > 3 OMCKS if TCBL is an input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com