Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CSZ Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS8406-CSZ
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZ Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS8406-CSZ Datasheet HTML 22Page - Cirrus Logic CS8406-CSZ Datasheet HTML 23Page - Cirrus Logic CS8406-CSZ Datasheet HTML 24Page - Cirrus Logic CS8406-CSZ Datasheet HTML 25Page - Cirrus Logic CS8406-CSZ Datasheet HTML 26Page - Cirrus Logic CS8406-CSZ Datasheet HTML 27Page - Cirrus Logic CS8406-CSZ Datasheet HTML 28Page - Cirrus Logic CS8406-CSZ Datasheet HTML 29Page - Cirrus Logic CS8406-CSZ Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
26
DS580F6
CS8406
SDA/CDOUT
1
Serial Control Data I/O (I²C Mode) / Data Out (SPI) (Input/Output) - In I²C Mode, SDA is the control I/O
data line. SDA is open drain and requires an external pull-up resistor to VL. In SPI Mode, CDOUT is the
output data from the control port interface on the CS8406
SCL/CCLK
28 Control Port Clock (
Input
) - Serial control interface clock and is used to clock control data bits into and
out of the CS8406. In I²C Mode, SCL requires an external pull-up resistor to VL.
AD0/CS
2
Address Bit 0 (I²C Mode) / Control Port Chip Select (SPI) (Input) - A falling edge on this pin puts the
CS8406 into SPI Control Port Mode. With no falling edge, the CS8406 defaults to I²C Mode. In I²C
Mode, AD0 is a chip address pin. In SPI Mode, CS is used to enable the control port interface on the
CS8406
AD1/CDIN
27 Address Bit 1 (I²C Mode) / Serial Control Data in (SPI) (
Input
) - In I²C Mode, AD1 is a chip address
pin. In SPI Mode, CDIN is the input data line for the control port interface.
AD2
3
Address Bit 2 (I²C Mode) (Input) - Determines the AD2 address bit for the control port in I²C Mode, and
should be connected to GND or VL. If SPI Mode is used, the AD2 pin should be connected to either
GND or VL.
RXP
4
Auxiliary AES3 Receiver Port (Input) - Input for an alternate, already AES3 coded, audio data source.
INT
19
Interrupt (Output) - Indicates key events during the operation of the CS8406. All bits affecting INT may
be unmasked through bits in the control registers. Indication of the condition(s) that initiated an interrupt
are readable in the control registers. The polarity of the INT output, as well as selection of a standard or
open drain output, is set through a control register. Once set true, the INT pin goes false only after the
interrupt status registers have been read and the interrupt status bits have returned to zero.
TCBL
15
Transmit Channel Status Block Start (Input/Output) - When operated as output, TCBL is high during
the first sub-frame of a transmitted channel status block, and low at all other times. When operated as
input, driving TCBL high for at least three OMCK clocks will cause the next transmitted sub-frame to be
the start of a channel status block.
U
20
User Data (Input) - May optionally be used to input User data for transmission by the AES3 transmitter,
see Figure 4 for timing information. If not driven, a 47 k pull-down resistor is recommended for the U
pin. If the U pin is driven by a logic level output, a 100  series resistor is recommended.
TSTN
5
Test In (Input) - This pin is an input used for test purposes. It must be tied to ground for normal operation.
TEST
7
8
10
11
16
17
18
Test Pins - These pins are unused inputs. It is recommended that these pins be tied to a supply (VL or
GND) to minimize leakage current. The CS8406 will operate correctly if these pins are left floating, how-
ever current consumption from VL will increase by 25 A per TEST pin that is left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com