Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2907B Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC2907B
Description  Dual Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2907B Datasheet(HTML) 2 Page - IXYS Corporation

  CPC2907B Datasheet HTML 1Page - IXYS Corporation CPC2907B Datasheet HTML 2Page - IXYS Corporation CPC2907B Datasheet HTML 3Page - IXYS Corporation CPC2907B Datasheet HTML 4Page - IXYS Corporation CPC2907B Datasheet HTML 5Page - IXYS Corporation CPC2907B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R02
CPC2907B
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous, Single-pole 1
-I
L
--
2
A
rms / ADC
Peak
t =10ms
I
LPK
-
-
±10
A
P
On-Resistance 2
I
F=5mA, IL=1A
R
ON
-
0.10
0.15
Off-State Leakage Current
V
L=60VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.62
2.5
ms
Turn-Off
t
off
-
0.09
0.25
Output Capacitance
I
F=0mA, VL=50V, f=1MHz
C
OUT
-60
-
pF
Input Characteristics
Input Control Current to Activate 3
I
L=1A
I
F
-
0.78
5
mA
Input Control Current to Deactivate
-
-
0.4
0.78
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Capacitance, Input to Output
V
IO=0V, f=1MHz
C
IO
-3
-
pF
1 If both poles operate at the same time, the load current must be derated
in order not to exceed the package power dissipation value.
See Total Load Current chart on this page.
2 Measurement taken within one (1) second of on-time.
3 For applications requiring operation at temperatures greater than 60ºC,
a minimum LED drive current of 10mA is recommended.
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Output Power Dissipation
Single Pole 2
1125
mW
Both Poles 3
1700
Isolation Voltage, Input to Output
4000
V
rms
Operational Temperature (T
A)
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / °C
2 Derate linearly 11.4 mW / °C
3 Derate linearly 17.1 mW / °C
Absolute Maximum Ratings @ 25°C
Electrical Characteristics @ 25°C
Pole 1 Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
Total Load Current
25ºC
85ºC
55ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com