Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2907B Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC2907B
Description  Dual Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2907B Datasheet(HTML) 1 Page - IXYS Corporation

  CPC2907B Datasheet HTML 1Page - IXYS Corporation CPC2907B Datasheet HTML 2Page - IXYS Corporation CPC2907B Datasheet HTML 3Page - IXYS Corporation CPC2907B Datasheet HTML 4Page - IXYS Corporation CPC2907B Datasheet HTML 5Page - IXYS Corporation CPC2907B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC2907B-R02
1
CPC2907B
Dual 60V Single-Pole
Normally Open OptoMOS® Relay
Part #
Description
CPC2907B
8-Pin Power SOIC (25/Tube)
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Load Current
2
A
rms / ADC
On-Resistance (max)
0.15
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
• Dual Relays
• Low On-resistance: 150m
 Max
• 2 Amp Load Current; Single-Pole Operation
• 4000V
rms Input/Output Isolation
• Low Drive Power Requirements
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• 8-Pin SOIC Surface Mount Package
• Flammability Rating UL 94 V-0
• Security
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment-Patient/Equipment Isolation
• Industrial Controls
• UL 508 Certified Component: File E69938
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 13 12 82667 003
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC2907B is a dual, normally open (1-Form-A) Solid
State Relay that comprises two independent, optically
coupled MOSFET switches. The combination of highly
efficient LEDs and photovoltaic die makes possible an
input to output isolation of 4000V
rms.
The optically coupled output driver, which uses the
patented OptoMOS architecture, is controlled by a
highly efficient infrared LED.
Dual OptoMOS relays provide a more compact design
solution than discrete single-pole relays in a variety of
applications, saving board space by incorporating both
switches in a single 8-pin package.
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2


Similar Part No. - CPC2907B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CPC2907B LITTELFUSE-CPC2907B Datasheet
173Kb / 6P
Normally Open OptoMOS® Relay
11/18/2025
More results

Similar Description - CPC2907B

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA110 CLARE-LAA110 Datasheet
137Kb / 6P
Dual Pole OptoMOS Relays
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
DUAL POLE OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
Dual Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
Dual Pole OptoMOS Relays
OAA160 CLARE-OAA160_1 Datasheet
1Mb / 6P
Dual Pole OptoMOS짰 Relays
logo
IXYS Corporation
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
Dual Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com