Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2907B Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC2907B
Description  Dual Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2907B Datasheet(HTML) 3 Page - IXYS Corporation

  CPC2907B Datasheet HTML 1Page - IXYS Corporation CPC2907B Datasheet HTML 2Page - IXYS Corporation CPC2907B Datasheet HTML 3Page - IXYS Corporation CPC2907B Datasheet HTML 4Page - IXYS Corporation CPC2907B Datasheet HTML 5Page - IXYS Corporation CPC2907B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC2907B
www.ixysic.com
3
R02
LED Forward Voltage (V)
1.235 1.240 1.245 1.250 1.255 1.260 1.265
0
5
10
15
20
25
30
LED Forward Voltage Distribution
(N=50, I
F=5mA)
Turn-On Time ( s)
500
550
600
650
700
750
800
0
5
10
15
20
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time ( s)
84
86
88
90
92
94
96
0
5
10
15
20
25
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
LED Forward Current (mA)
0.7
0.8
0.9
1.0
1.1
0
5
10
15
20
25
30
Typical I
F for Switch Operation
(N=50, I
L=100mA)
On-Resistance ( )
0.07
0.08
0.09
0.10
0.11
0.12
0
5
10
15
20
25
30
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=1A)
Blocking Voltage (V
P)
81
82
83
84
85
86
87
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
Typical I
F for Switch Operation
(I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
500
1000
1500
2000
2500
Typical Turn-On Time vs. Temperature
(I
L=100mA)
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
60
70
80
90
100
110
120
130
Typical Turn-Off Time vs. Temperature
(I
L=100mA)
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Forward Current (mA)
0
10
2030
4050
0
200
400
600
800
1000
1200
1400
1600
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
010
20
30
40
50
85
90
95
100
105
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
*The Performance data shown in the graphs above is typical of device operation. Unless otherwise noted, data is presented at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.
PERFORMANCE DATA*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com