Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2907B Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC2907B
Description  Dual Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2907B Datasheet(HTML) 4 Page - IXYS Corporation

  CPC2907B Datasheet HTML 1Page - IXYS Corporation CPC2907B Datasheet HTML 2Page - IXYS Corporation CPC2907B Datasheet HTML 3Page - IXYS Corporation CPC2907B Datasheet HTML 4Page - IXYS Corporation CPC2907B Datasheet HTML 5Page - IXYS Corporation CPC2907B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R02
CPC2907B
*The Performance data shown in the graphs above is typical of device operation. Unless otherwise noted, data is presented at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.
Load Voltage (V)
010
20
30
40
50
60
50
100
150
200
250
Output Capacitance vs. Load Voltage
Temperature (ºC)
-40
-20
0
20
40
60
80
100
100
150
200
250
300
350
Leakage Current vs. Temperature
(V
L=60V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
78
80
82
84
86
88
90
Typical Blocking Voltage
vs. Temperature
Load Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
-3
-2
-1
0
1
2
3
Typical Load Current vs. Load Voltage
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
50
60
70
80
90
100
110
120
130
140
150
Typical On-Resistance
vs. Temperature
(I
F=5mA, IL=1A)
Temperature (ºC)
0
20406080
100
0.0
0.5
1.0
1.5
2.0
2.5
Maximum Load Current
vs. Temperature
(I
F=5mA)
Single Pole
Both Poles
2.25
1.75
1.25
0.75
0.25
10
30
50
70
90
PERFORMANCE DATA*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com