Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2907B Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC2907B
Description  Dual Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2907B Datasheet(HTML) 6 Page - IXYS Corporation

  CPC2907B Datasheet HTML 1Page - IXYS Corporation CPC2907B Datasheet HTML 2Page - IXYS Corporation CPC2907B Datasheet HTML 3Page - IXYS Corporation CPC2907B Datasheet HTML 4Page - IXYS Corporation CPC2907B Datasheet HTML 5Page - IXYS Corporation CPC2907B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
Specification: DS-CPC2907B-R02
©Copyright 2016, IXYS Integrated Circuits Division
OptoMOS® is a registered trademark of IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
11/30/2016
For additional information please visit our website at: www.ixysic.com
6
CPC2907B
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to
its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
MECHANICAL DIMENSIONS
CPC2907B
Dimensions
Unless Otherwise Noted
mm
(inches)
21.082 ± 0.381
(0.830 ± 0.015)
Pin 1
10.160 ± 0.254
(0.400 ± 0.010)
16.764 ± 0.381
(0.660 ± 0.015)
0.889 ± 0.178
(0.035 ± 0.007)
FOOTPRINT
0.381 ± 0.025
(0.015 ± 0.001)
0.762 ± 0.102
(0.030 ± 0.004)
5.080 ± 0.127
(0.200 ± 0.005)
7.620 ± 0.127
(0.300 ± 0.005)
5.080 ± 0.127
(0.200 ± 0.005)
1.651 TYP 4 PLCS
(0.065 TYP 4 PLCS)
Pin 8
3.302 ± 0.051
(0.130 ± 0.002)
0.127 ± 0.076
(0.005 ± 0.003)
STANDOFF
5.080
(0.200)
7.622
(0.300)
15.80
(0.622)
2.00
(0.079)
0.95
(0.037)
5.080
(0.200)
Recommended PCB Pattern
Notes:
1. Pin-to-pin tolerances are non-cumulative.
2. Lead thickness does not include plating (1000 microinches minimum).
3. Package outline exclusive of mold flash and metal burr.
Pin 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com