Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1412BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADGS1412BCPZ
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADGS1412BCPZ Datasheet HTML 3Page - Analog Devices ADGS1412BCPZ Datasheet HTML 4Page - Analog Devices ADGS1412BCPZ Datasheet HTML 5Page - Analog Devices ADGS1412BCPZ Datasheet HTML 6Page - Analog Devices ADGS1412BCPZ Datasheet HTML 7Page - Analog Devices ADGS1412BCPZ Datasheet HTML 8Page - Analog Devices ADGS1412BCPZ Datasheet HTML 9Page - Analog Devices ADGS1412BCPZ Datasheet HTML 10Page - Analog Devices ADGS1412BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ADGS1412
Data Sheet
Rev. 0 | Page 6 of 25
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, VL = 2.7 V to 5.5 V, and GND = 0 V, unless otherwise noted.
Table 3.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
2.8
Ω typ
VS = 0 V to 10 V, IS = −10 mA,
see Figure 28
3.5
4.3
4.8
Ω max
VDD = 10.8 V, VSS = 0 V
On-Resistance Match Between
Channels, ∆RON
0.13
Ω typ
VS = 0 V to 10 V, IS = −10 mA
0.21
0.23
0.25
Ω max
On-Resistance Flatness, RFLAT (ON)
0.6
Ω typ
VS = 0 V to 10 V, IS = −10 mA
1.1
1.2
1.3
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V,
see Figure 31
±0.55
±2
±12.5
nA max
Drain Off Leakage, ID (Off)
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V,
see Figure 31
±0.55
±2
±12.5
nA max
Channel On Leakage, ID (On), IS (On)
±0.15
nA typ
VS = VD = 1 V/10 V, see Figure 27
±1.5
±4
±30
nA max
DIGITAL INPUTS
Input Voltage
High, VINH
2
V min
3.3 V < VL ≤ 5.5 V
1.35
V min
2.7 V ≤ VL ≤ 3.3 V
Low, VINL
0.8
V max
3.3 V < VL ≤ 5.5 V
0.8
V max
2.7 V ≤ VL ≤ 3.3 V
Input Current, IINL or IINH
0.001
µA typ
VIN = VGND or VL
±0.1
µA max
Digital Input Capacitance, CIN
4
pF typ
Digital Output Capacitance, COUT
4
pF typ
DYNAMIC CHARACTERISTICS1
tON
190
ns typ
RL = 300 Ω, CL = 35 pF
240
270
300
ns max
VS = 8 V, see Figure 34
tOFF
170
ns typ
RL = 300 Ω, CL = 35 pF
215
240
265
ns max
VS = 8 V, see Figure 34
Charge Injection, QINJ
10
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF,
see Figure 35
Off Isolation
−76
dB typ
RL = 50 Ω, CL = 5 pF,
f = 1 MHz, see Figure 30
Channel to Channel Crosstalk
−100
dB typ
RL = 50 Ω, CL = 5 pF,
f = 1 MHz, see Figure 29
Total Harmonic Distortion + Noise
0.06
% typ
RL = 110 Ω, 6 V p-p, f = 20 Hz to
20 kHz, see Figure 32
−3 dB Bandwidth
130
MHz typ
RL = 50 Ω, CL = 5 pF,
see Figure 33
Insertion Loss
−0.3
dB typ
RL = 50 Ω, CL = 5 pF,
f = 1 MHz, see Figure 33
CS (Off)
29
pF typ
VS = 6 V, f = 1 MHz
CD (Off)
30
pF typ
VS = 6 V, f = 1 MHz
CD (On), CS (On)
116
pF typ
VS = 6 V, f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com