Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1412BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADGS1412BCPZ
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412BCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADGS1412BCPZ Datasheet HTML 1Page - Analog Devices ADGS1412BCPZ Datasheet HTML 2Page - Analog Devices ADGS1412BCPZ Datasheet HTML 3Page - Analog Devices ADGS1412BCPZ Datasheet HTML 4Page - Analog Devices ADGS1412BCPZ Datasheet HTML 5Page - Analog Devices ADGS1412BCPZ Datasheet HTML 6Page - Analog Devices ADGS1412BCPZ Datasheet HTML 7Page - Analog Devices ADGS1412BCPZ Datasheet HTML 8Page - Analog Devices ADGS1412BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Serially Controlled, 1.5 Ω, On-Resistance,
High Voltage, iCMOS, Quad SPST Switch
Data Sheet
ADGS1412
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SPI interface with error detection
Includes CRC, invalid read/write address, and SCLK count
error detection
Supports burst and daisy-chain mode
Industry-standard SPI Mode 0 and Mode 3 interface-
compatible
1.5 Ω typical on resistance at 25°C
0.3 Ω typical on-resistance flatness at 25°C
0.1 Ω typical on-resistance match between channels at 25°C
Fully specified at ±15 V, ±5 V, and +12 V
VSS to VDD analog signal range
APPLICATIONS
Automated test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Audio signal routing
Video signal routing
Communications systems
Relay replacement
FUNCTIONAL BLOCK DIAGRAMS
S4
S3
S2
S1
D4
SDO
SCLK SDI
CS
RESET/VL
D3
D2
D1
ADGS1412
SPI
INTERFACE
Figure 1.
GENERAL DESCRIPTION
The ADGS1412 contains four independent single-pole/single-
throw (SPST) switches. An serial peripheral interface (SPI)
controls the switches. The SPI interface has robust error detection
features such as cyclic redundancy check (CRC) error detection,
invalid read/write address detection, and SCLK count error
detection.
It is possible to daisy-chain multiple ADGS1412 devices together.
Daisy-chain mode enables the configuration of multiple devices
with a minimal amount of digital lines. The ADGS1412 can also
operate in burst mode to decrease the time between SPI
commands.
iCMOS construction ensures ultralow power dissipation, making
the device ideally suited for portable and battery-powered
instruments.
Each switch conducts equally well in both directions when on,
and each switch has an input signal range that extends to the
supplies. In the off condition, signal levels up to the supplies
are blocked.
The on-resistance profile is flat over the full analog input range,
which ensures good linearity and low distortion when switching
audio signals.
PRODUCT HIGHLIGHTS
1.
SPI interface removes the need for parallel conversion,
logic traces and reduces GPIO channel count.
2.
Daisy-chain mode removes additional logic traces when
multiple devices are used.
3.
CRC error detection, invalid read/write address detection,
and SCLK count error detection ensures a robust digital
interface.
4.
Safety integrity level (SIL)-compatible.
5.
Minimum distortion.


Similar Part No. - ADGS1412BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
6/2020-Revision 0
ADGS1414DBCCZ AD-ADGS1414DBCCZ Datasheet
552Kb / 28P
SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
6/2020-Revision 0
ADGS1414DBCCZ-RL7 AD-ADGS1414DBCCZ-RL7 Datasheet
552Kb / 28P
SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
6/2020-Revision 0
More results

Similar Description - ADGS1412BCPZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
ADG1517 AD-ADG1517 Datasheet
195Kb / 12P
1.6 廓 On Resistance, 15 V iCMOS SPST Switch
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
logo
Vishay Siliconix
DG451 VISHAY-DG451_V01 Datasheet
262Kb / 13P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
30-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com