Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1412BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADGS1412BCPZ
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADGS1412BCPZ Datasheet HTML 10Page - Analog Devices ADGS1412BCPZ Datasheet HTML 11Page - Analog Devices ADGS1412BCPZ Datasheet HTML 12Page - Analog Devices ADGS1412BCPZ Datasheet HTML 13Page - Analog Devices ADGS1412BCPZ Datasheet HTML 14Page - Analog Devices ADGS1412BCPZ Datasheet HTML 15Page - Analog Devices ADGS1412BCPZ Datasheet HTML 16Page - Analog Devices ADGS1412BCPZ Datasheet HTML 17Page - Analog Devices ADGS1412BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Data Sheet
ADGS1412
Rev. 0 | Page 13 of 25
0
–140
–100
–120
–80
–60
–40
–20
100
1k
10k
100k
1M
10M
1G
100M
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
Figure 18. Off Isolation vs. Frequency, ±15 V Dual Supply
0
–140
–120
–100
–80
–60
–40
–20
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
Figure 19. Crosstalk vs. Frequency, ±15 V Dual Supply
0
–6
–5
–4
–3
–2
–1
10k
100k
1M
10M
1G
100M
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
Figure 20. Insertion Loss vs. Frequency, ±15 V Dual Supply
0
–120
–100
–80
–60
–40
–20
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
10µF + 100nF DECOUPLING
CAPACITORS
100nF DECOUPLING
CAPACITORS
100
1k
10k
100k
1M
10M
1G
100M
Figure 21. AC Power Supply Rejection Ratio (ACPSRR) vs. Frequency, ±15 V
Dual Supply
0
0.005
0.010
0.015
0.020
0.025
20
200
2k
20k
FREQUENCY (Hz)
TA = 25°C
RL = 110Ω, VS = 20V p-p
RL = 110Ω, VS = 15V p-p
RL = 110Ω, VS = 10V p-p
RL = 1kΩ, VS = 10V p-p
RL = 1kΩ, VS = 15V p-p
RL = 1kΩ, VS = 20V p-p
Figure 22. THD + N vs. Frequency, ±15 V Dual Supply
0
0.05
0.10
0.15
0.20
20
200
2k
20k
FREQUENCY (Hz)
TA = 25°C
RL = 110Ω, VS = 10V p-p
RL = 110Ω, VS = 2.5V p-p
RL = 110Ω, VS = 5V p-p
RL = 1kΩ, VS = 2.5V p-p
RL = 1kΩ, VS = 5V p-p
RL = 1kΩ, VS = 10V p-p
Figure 23. THD + N vs. Frequency, ±5 V Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com