Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1412BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADGS1412BCPZ
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADGS1412BCPZ Datasheet HTML 18Page - Analog Devices ADGS1412BCPZ Datasheet HTML 19Page - Analog Devices ADGS1412BCPZ Datasheet HTML 20Page - Analog Devices ADGS1412BCPZ Datasheet HTML 21Page - Analog Devices ADGS1412BCPZ Datasheet HTML 22Page - Analog Devices ADGS1412BCPZ Datasheet HTML 23Page - Analog Devices ADGS1412BCPZ Datasheet HTML 24Page - Analog Devices ADGS1412BCPZ Datasheet HTML 25Page - Analog Devices ADGS1412BCPZ Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Data Sheet
ADGS1412
Rev. 0 | Page 21 of 25
APPLICATIONS INFORMATION
POWER SUPPLY RAILS
To guarantee correct operation of the ADGS1412, 0.1 μF
decoupling capacitors are required.
The ADGS1412 can operate with bipolar supplies between
±4.5 V and ±16.5 V. The supplies on VDD and VSS do not have to
be symmetrical; however, the VDD to VSS range must not exceed
33 V. The ADGS1412 can also operate with single supplies
between 5 V and 20 V with VSS connected to GND.
The voltage range that can be supplied to VL is from 2.7 V to 5.5 V.
The device is fully specified at ±15 V, +5 V, and +12 V analogue
supply voltage ranges.
POWER SUPPLY RECOMMENDATIONS
Analog Devices, Inc., has a wide range of power management
products to meet the requirements of most high performance
signal chains.
An example of a bipolar power solution is shown in Figure 42.
The ADP5070 (dual switching regulator) generates a positive and
negative supply rail for the ADGS1412, amplifier, and/or a
precision converter in a typical signal chain. Also shown in
Figure 42 are two optional LDOs, ADP7118 and ADP7182
positive and negative LDOs respectively, that can be used to
reduce the output ripple of the ADP5070 in ultralow noise
sensitive applications.
The ADM7160 can be used to generate VL voltage that is
required to power digital circuitry within the ADGS1412.
ADM7160
LDO
+3.3V
ADP7118
LDO
+15V
ADP7182
LDO
–15V
+16.5V
–16.5V
ADP5070
+5V
INPUT
.
Figure 42. Bipolar Power Solution
Table 10. Recommended Power Management Devices
Product
Description
ADP5070
1 A/0.6 A, dc-to-dc switching regulator with
independent positive and negative outputs
ADM7160
5.5 V, 200 mA, ultralow noise, linear regulator
ADP7118
20 V, 200 mA, low noise, CMOS LDO linear regulator
ADP7182
−28 V, −200 mA, low noise, LDO linear regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com