Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1412BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADGS1412BCPZ
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412BCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADGS1412BCPZ Datasheet HTML 1Page - Analog Devices ADGS1412BCPZ Datasheet HTML 2Page - Analog Devices ADGS1412BCPZ Datasheet HTML 3Page - Analog Devices ADGS1412BCPZ Datasheet HTML 4Page - Analog Devices ADGS1412BCPZ Datasheet HTML 5Page - Analog Devices ADGS1412BCPZ Datasheet HTML 6Page - Analog Devices ADGS1412BCPZ Datasheet HTML 7Page - Analog Devices ADGS1412BCPZ Datasheet HTML 8Page - Analog Devices ADGS1412BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ADGS1412
Data Sheet
Rev. 0 | Page 2 of 25
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagrams............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±15 V Dual Supply ....................................................................... 3
±5 V Dual Supply ......................................................................... 4
12 V Single Supply........................................................................ 6
Continuous Current per Channel, Sx or Dx............................. 7
Timing Characteristics ................................................................ 7
Absolute Maximum Ratings............................................................ 9
Thermal Resistance ...................................................................... 9
ESD Caution.................................................................................. 9
Pin Configurations and Function Descriptions ......................... 10
Typical Performance Characteristics ........................................... 11
Test Circuits..................................................................................... 15
Terminology .................................................................................... 17
Theory of Operation ...................................................................... 18
Address Mode............................................................................. 18
Error Detection Features........................................................... 18
Clearing the Error Flags Register............................................. 19
Burst Mode.................................................................................. 19
Software Reset............................................................................. 19
Daisy-Chain Mode..................................................................... 19
Power-On Reset.......................................................................... 20
Applications Information .............................................................. 21
Power Supply Rails..................................................................... 21
Power Supply Recommendations............................................. 21
Register Summary .......................................................................... 22
Register Details ............................................................................... 23
Switch Data Register .................................................................. 23
Error Configuration Register.................................................... 23
Error Flags Register.................................................................... 24
Burst Enable Register................................................................. 24
Software Reset Register ............................................................. 24
Outline Dimensions....................................................................... 25
Ordering Guide .......................................................................... 25
REVISION HISTORY
10/2016—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com