Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4805-2ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4805-2ACPZ-R7
Description  0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4805-2ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4805-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ADA4805-1/ADA4805-2
Data Sheet
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Short-Circuit Current
Sinking/sourcing
85/73
mA
Linear Output Current
<1% THD at 100 kHz, VOUT = 2 V p-p
±58
mA
Off Isolation
VIN = 0.5 V p-p, f = 1 MHz, SHUTDOWN = −VS
41
dB
Capacitive Load Drive
30% overshoot
15
pF
POWER SUPPLY
Operating Range
2.7
10
V
Quiescent Current per Amplifier
Enabled
570
625
µA
SHUTDOWN = −VS
7.4
12
µA
Power Supply Rejection Ratio
Positive
+VS = 3 V to 5 V, −VS = −5 V
100
119
dB
Negative
+VS = 5 V, −VS = −3 V to −5 V
100
122
dB
1
fC is the fundamental frequency.
2
Guaranteed, but not tested.
5 V SUPPLY
VS = 5 V at TA = 25°C; RF = 0 Ω for G = +1; otherwise, RF = 1 kΩ; RL = 2 kΩ to midsupply; unless otherwise noted. All specifications are
per amplifier.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.02 V p-p
105
MHz
G = +1, VOUT = 2 V p-p
35
MHz
Bandwidth for 0.1 dB Flatness
G = +1, VOUT = 0.02 V p-p
20
MHz
Slew Rate
G = +1, VOUT = 2 V step
160
V/µs
G = +2, VOUT = 4 V step
220
V/µs
Settling Time to 0.1%
G = +1, VOUT = 2 V step
35
ns
G = +2, VOUT = 4 V step
82
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion, HD2/HD31
fC = 20 kHz, VOUT = 2 V p-p
−114/−135
dBc
fC = 100 kHz, VOUT = 2 V p-p
−102/−126
dBc
fC = 20 kHz, G = +2, VOUT = 4 V p-p
−107/−143
dBc
fC = 100 kHz, G = +2, VOUT = 4 V p-p
−90/−130
dBc
Input Voltage Noise
f = 100 kHz
5.9
nV/√Hz
Input Voltage Noise 1/f Corner
8
Hz
0.1 Hz to 10 Hz Voltage Noise
54
nV rms
Input Current Noise
f = 100 kHz
0.6
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
9
125
µV
Input Offset Voltage Drift2
TMIN to TMAX, 4 σ
0.2
1.5
µV/°C
Input Bias Current
470
720
nA
Input Offset Current
0.4
nA
Open-Loop Gain
VOUT = 1.25 V to 3.75 V
105
109
dB
INPUT CHARACTERISTICS
Input Resistance
Common Mode
50
MΩ
Differential Mode
260
kΩ
Input Capacitance
1
pF
Input Common-Mode Voltage Range
−0.1
+4
V
Common-Mode Rejection Ratio
VIN, CM = 1.25 V to 3.75 V
103
133
dB
Rev. B | Page 4 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com