Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4805-2ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4805-2ACPZ-R7
Description  0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4805-2ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4805-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ADA4805-1/ADA4805-2
Data Sheet
Rev. B | Page 18 of 25
THEORY OF OPERATION
AMPLIFIER DESCRIPTION
The ADA4805-1/ADA4805-2 have a bandwidth of 105 MHz and
a slew rate of 160 V/μs. They have an input referred voltage
noise of only 5.9 nV/√Hz. The ADA4805-1/ADA4805-2 operate
over a supply voltage range of 2.7 V to 10 V and consume only
500 μA of supply current at VS = 5 V. The low end of the supply
range allows for −10% variation of a 3 V supply. The amplifiers
are unity-gain stable, and the input structure results in an
extremely low input 1/f noise. The ADA4805-1/ADA4805-2 use
a slew enhancement architecture, as shown in Figure 51. The
slew enhancement circuit detects the absolute difference
between the two inputs. It then modulates the tail current, ITAIL,
of the input stage to boost the slew rate. The architecture allows
higher slew rate and fast settling time with low quiescent
current while maintaining low noise.
+IN/+INx
VIN+
VIN–
VS
INPUT
STAGE
TO DETECT
ABSOLUTE
VALUE
SLEW ENHANCEMENT CIRCUIT
ITAIL
–IN/−INx
Figure 51. Slew Enhancement Circuit
INPUT PROTECTION
The ADA4805-1/ADA4805-2 are fully protected from ESD
events, withstanding human body model ESD events of ±3.5 kV
and charged device model events of ±1.25 kV with no measured
performance degradation. The precision input is protected with
an ESD network between the power supplies and diode clamps
across the input device pair, as shown in Figure 52.
+IN/+INx
ESD
ESD
–VS
+VS
BIAS
TO THE REST OF THE AMPLIFIER
–IN/–INx
ESD
ESD
Figure 52. Input Stage and Protection Diodes
For differential voltages above approximately 1.2 V at room
temperature, and 0.8 V at 125°C, the diode clamps begin to
conduct. If large differential voltages must be sustained across
the input terminals, the current through the input clamps must
be limited to less than 10 mA. Series input resistors that are sized
appropriately for the expected differential overvoltage provide
the needed protection.
The ESD clamps begin to conduct for input voltages that are
more than 0.7 V above the positive supply and input voltages
more than 0.7 V below the negative supply. If an overvoltage
condition is expected, the input current must be limited to less
than 10 mA.
SHUTDOWN OPERATION
Figure 53 shows the ADA4805-1/ADA4805-2 shutdown
circuitry. To maintain very low supply current in shutdown
mode, no internal pull-up resistor is supplied; therefore, the
SHUTDOWNE pin must be driven high or low externally and
not be left floating. Pulling the SHUTDOWNE pin to ≥1 V below
midsupply turns the device off, reducing the supply current to
2.9 μA for a 5 V supply. When the amplifier is powered down,
its output enters a high impedance state. The output impedance
decreases as frequency increases. In shutdown mode, a forward
isolation of −62 dB can be achieved at 100 kHz (see Figure 25).
+VS
–VS
SHUTDOWN
ESD
ESD
2.2R
1.8R
1.1V
TO ENABLE
AMPLIFIER
Figure 53. Shutdown Circuit
The SHUTDOWNE pin is protected by ESD clamps, as shown in
Figure 53. Voltages beyond the power supplies cause these
diodes to conduct. To protect the SHUTDOWNE pin, ensure that
the voltage to this pin does not exceed 0.7 V above the positive
supply or 0.7 V below the negative supply. If an overvoltage
condition is expected, the input current must be limited to less
than 10 mA with a series resistor. Table 9 summarizes the
threshold voltages for the powered down and enabled modes for
various supplies.
Table 9. Threshold Voltages for Powered Down and Enabled
Modes
Mode
+3 V
+5 V
±5 V
+7 V/−2 V
Enabled
>+1.1 V
>+1.9 V
>−0.9 V
>+1.52 V
Powered Down
<+0.7 V
<+1.5 V
<−1.3 V
<+1.52 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com