Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4805-2ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4805-2ACPZ-R7
Description  0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4805-2ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4805-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADA4805-1/ADA4805-2
Rev. B | Page 13 of 25
0
5
10
15
20
25
30
INPUT OFFSET VOLTAGE (µV)
SOT-23
VS = ±2.5V
300 UNITS
= 7.5µV
σ = 14.5µV
SC70
VS = ±2.5V
300 UNITS
= 10.2µV
σ = 18.9 µV
SC70
SOT-23
–120 –100 –80 –60 –40 –20
0
20
40
60
80
100 120
Figure 26. Input Offset Voltage Distribution
–100
–80
–60
–40
–20
0
20
40
60
80
100
–3.0–2.5–2.0–1.5–1.0 –0.5
0
0.5
1.0
1.5
2.0
INPUT COMMON-MODE VOLTAGE (V)
VS = ±2.5V
10 UNITS
Figure 27. Input Offset Voltage vs. Input Common-Mode Voltage
–40 –25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = ±2.5V
VS = ±1.5V
VS = ±5V
390
410
430
450
470
490
510
530
550
570
590
610
630
650
Figure 28. Input Bias Current vs. Temperature for Various Supplies
(See Figure 48)
0
5
10
15
20
25
30
35
–1.6
–1.9
1.9
–1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
VS = ±2.5V
T = –40°C TO +125°C
297 UNITS SOLDERED TO PCB
= –0.19µV/°C
σ = 0.28µV/°C
Figure 29. Input Offset Voltage Drift Distribution
–150
–100
–50
0
50
100
150
–40 –25 –10
5
203550658095
110 125
TEMPERATURE (°C)
VS = ±2.5V
30 UNITS
Figure 30. Input Offset Voltage vs. Temperature
–
6
–4
–2
0
2
4
6
–800
–750
–700
–650
–600
–550
–500
–450
–400
–0.4
0
0.40.81.21.62.02.42.83.23.64.0
INPUT COMMON-MODE VOLTAGE (V)
INPUT OFFSET CURRENT
IB+
IB–
Figure 31. Input Bias Current and Input Offset Current vs.
Input Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com