Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4805-2ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4805-2ACPZ-R7
Description  0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4805-2ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4805-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ADA4805-1/ADA4805-2
Data Sheet
Rev. B | Page 16 of 25
–160
–140
–120
–100
–80
–60
–40
–20
0
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
AMP2 TO AMP1
AMP1 TO AMP2
Figure 42. Crosstalk vs. Frequency (LFCSP)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0
SUPPLY VOLTAGE FROM GROUND (V)
+125°C
+25°C
–40°C
DEVICE ENABLED
DEVICE DISABLED
Figure 43. SHUTDOWN Threshold vs. Supply Voltage from Ground for
Various Temperatures
–160
–140
–120
–100
–80
–60
–40
–20
0
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
AMP2 TO AMP1
AMP1 TO AMP2
Figure 44. Crosstalk vs. Frequency (MSOP)
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
–5
–4
–3
–2
–1
0
1
2
3
0
200
400
600
800
1000
1200
1400
TIME (Hours)
OIL BATH
TEMPERATURE
VS = ±2.5V
6 UNITS, SOLDERED TO PCB
Figure 45. Long-Term VOS Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com