Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4805-2ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4805-2ACPZ-R7
Description  0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4805-2ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4805-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4805-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADA4805-1/ADA4805-2
Rev. B | Page 21 of 25
Figure 60 shows a typical 16-bit, single-supply application. The
ADA4805-1/ADA4805-2 drive the AD7980, a 16-bit, 1 MSPS,
SAR ADC in a low power configuration. The AD7980 operates
on a 2.5 V supply and supports an input from 0 V to VREF. In
this case, the ADR435 provides a 5 V reference. The ADA4805-1/
ADA4805-2 are used both as a driver for the AD7980 and as a
reference buffer for the ADR435.
The low-pass filter formed by R3 and C1 reduces the noise to
the input of the ADC (see Figure 60). In lower frequency
applications, the designer can reduce the corner frequency of
the filter to remove additional noise.
AD7980
C2
10µF
IN+
IN–
GND
VDD
REF
C3
0.1µF
C4
100nF
VDD
C1
2.7nF
R3
20Ω
+7.5V
+7.5V
ADA4805-1/
ADA4805-2
ADA4805-1/
ADA4805-2
ADR435
5V REF
0V TO
VREF
Figure 60. Driving the AD7980 with the ADA4805-1/ADA4805-2
In this configuration, the ADA4805-1/ADA4805-2 consume
7.2 mW of quiescent power. The measured signal-to-noise ratio
(SNR), total harmonic distortion (THD), and signal-to-noise-
and-distortion ratio (SINAD) of the whole system for a 10 kHz
signal are 89.4 dB, 104 dBc, and 89.3 dB, respectively. This
translates to an effective number of bits (ENOB) of 14.5 at
10 kHz, which is compatible with the AD7980 performance.
Table 10 shows the performance of this setup at selected input
frequencies.
DYNAMIC POWER SCALING
One of the merits of a SAR ADC, like the AD7980, is that its
power scales with the sampling rate. This power scaling makes
SAR ADCs very power efficient, especially when running at a
low sampling frequency. However, the ADC driver used with
the SAR ADC traditionally consumes constant power regardless
of the sampling frequency.
Figure 61 illustrates a method by which the quiescent power of
the ADC driver can be dynamically scaled with the sampling
rate of the system. By providing properly timed signals to the
convert start (CNV) pin of the ADC and the SHUTDOWNE pin
of the ADA4805-1/ADA4805-2, both devices can be run at
optimum efficiency.
+5V
2.7nF
20Ω
TIMING
GENERATOR
VIN
AD7980
ADA4805-1/
ADA4805-2
REF
VDD
GND
+6V
+2.5V
0.1µF
CNV
Figure 61. ADA4805-1/ADA4805-2/AD7980 Power Management Circuitry
Figure 62 illustrates the relative signal timing for power scaling
the ADA4805-1/ADA4805-2 and the AD7980. To prevent any
degradation in the performance of the ADC, the ADA4805-1/
ADA4805-2 must have a fully settled output into the ADC
before the activation of the CNV pin. In this example, the
amplifier is switched to full power mode 3 μs prior to the rising
edge of the CNV signal. The SHUTDOWNE pin of the
ADA4805-1/ADA4805-2 is pulled low when the ADC input is
inactive in between samples. The quiescent current of the
amplifier typically falls to 10% of the normal operating value
within 0.9 μs at VS = 5 V. While in shutdown mode, the
ADA4805-1/ADA4805-2 output impedance is high.
Table 10. System Performance at Selected Input Frequency for Driving the AD7980 Single-Ended
ADC Driver
Reference Buffer
Results
Input Frequency (kHz)
Supply (V)
Gain
Supply (V)
Gain
SNR (dB)
THD (dBc)
SINAD (dB)
ENOB
1
7.5
1
7.5
1
89.8
103
89.6
14.6
10
7.5
1
7.5
1
89.4
104
89.3
14.5
20
7.5
1
7.5
1
89.9
103
89.7
14.6
50
7.5
1
7.5
1
88.5
99
88.1
14.3
100
7.5
1
7.5
1
86.3
93.7
85.6
13.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com