Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC520ALC4TR-R5 Datasheet(PDF) 27 Page - Analog Devices

Part # HMC520ALC4TR-R5
Description  Radio frequency (RF) range: 6 GHz to 10 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC520ALC4TR-R5 Datasheet(HTML) 27 Page - Analog Devices

Back Button HMC520ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 24Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 25Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 26Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 27Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
HMC520A
Page 27 of 28
EVALUATION BOARD INFORMATION
The EV1HMC520ALC4 evaluation PCB used in the application
must use RF circuit design techniques. Signal lines must have
50 Ω impedance and connect the package ground leads and
exposed pad directly to the ground plane similarly to that shown
in Figure 84. Use a sufficient number of via holes to connect the
top and bottom ground planes. The evaluation circuit board shown
in Figure 84 is available from Analog Devices, Inc., upon request
Figure 84. EV1HMC520ALC4 Evaluation PCB Top Layer
Table 10. Bill of Materials for the EV1HMC520ALC4 Evaluation PCB
Quantity
Reference Designator
Description
Part Number
1
109996-1
PCB, EV1HMC520ALC4
109996-1
2
J1, J2 (RF, LO)
2.92 mm SMA connectors, SRI Connector Gage
104935
2
J3, J4 (IF1, IF2)
Gold plated SMA, edge mount with 0.02 inch pin connectors, Johnson SMA connectors
105192
1
U1
Device under test, HMC520ALC4
HMC520ALC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com