Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC520ALC4TR-R5 Datasheet(PDF) 25 Page - Analog Devices

Part # HMC520ALC4TR-R5
Description  Radio frequency (RF) range: 6 GHz to 10 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC520ALC4TR-R5 Datasheet(HTML) 25 Page - Analog Devices

Back Button HMC520ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 24Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 25Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 26Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 27Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
HMC520A
Page 25 of 28
THEORY OF OPERATION
The HMC520A is a compact gallium arsenide (GaAs), monolithic
microwave integrated circuit (MMIC), in-phase quadrature (I/Q)
mixer in a 24-terminal, RoHS compliant, ceramic leadless chip
carrier (LCC) package. The device can be used as either an image
reject mixer or a single sideband upconverter. The mixer uses two
standard double balanced mixer cells and a 90° hybrid fabricated in
a GaAs, metal semiconductor field effect transistor (MESFET)
process. This device is a much smaller alternative to a hybrid style
image reject mixer and a single sideband upconverter assembly.
The HMC520A eliminates the need for wire bonding, allowing the
use of the surface-mount manufacturing techniques.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com