Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC520ALC4TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC520ALC4TR-R5
Description  Radio frequency (RF) range: 6 GHz to 10 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC520ALC4TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC520ALC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
HMC520A
Rev. 0 | Page 5 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
13
1
3
4
2
NIC
NIC
GND
RF
5
6
GND
NIC
NIC
14 GND
15 LO
16 GND
17 NIC
18 NIC
HMC520A
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALY CONNECTED.
2. EXPOSED PAD. THE EXPOSED PAD
MUST BE CONNECTED TO PIN GND.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 6 to 8, 10, 13,
17 to 24
NIC
Not Internally Connected.
3, 5, 12, 14, 16
GND
Ground. See Figure 7 for the GND interface schematic.
4
RF
RF Port. This pin is ac-coupled internally and matched to 50 Ω. See Figure 3 for the RF interface schematic.
9, 11
IF1, IF2
First and Second Quadrature Intermediate Frequency Input Pins. For applications that do not require
operation to dc, use an off-chip dc blocking capacitor. For applications that require operation to dc,
these pins must not source or sink more than 12 mA of current because the device may not function
or possible device failure may result. See Figure 5 and Figure 6 for the IF1 and IF2 interface schematics.
15
LO
Local Oscillator Port. This pin is dc-coupled and matched to 50 Ω. See Figure 4 for the LO interface
schematic.
EPAD
Exposed Pad. The exposed pad must be connected to pin GND.
INTERFACE SCHEMATICS
RF
Figure 3. RF Interface Schematic
LO
Figure 4. LO Interface Schematic
IF1
Figure 5. IF1 Interface Schematic
IF2
Figure 6. IF2 Interface Schematic
GND
Figure 7. GND Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com