Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC520ALC4TR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC520ALC4TR-R5
Description  Radio frequency (RF) range: 6 GHz to 10 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC520ALC4TR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC520ALC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
HMC520A
Rev. 0 | Page 3 of 28
SPECIFICATIONS
LO = 15 dBm, IF = 100 MHz, RF = −10 dBm, TA = 25°C, unless otherwise noted. All measurements were made as a downconverter with
the lower sideband selected (high-side LO) and an external 90° IF hybrid at the IF ports, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF RANGE
6
10
GHz
LO INPUT FREQUENCY RANGE
6
10
GHz
IF FREQUENCY RANGE
DC
3.5
GHz
LO AMPLITUDE
15
dBm
6 GHz to 10 GHz PERFORMANCE
Conversion Loss
8
10
dB
Noise Figure
8.5
dB
Input Third-Order Intercept (IP3)
19
dBm
Input Power for 1dB Compression (P1dB)
10.5
dBm
Image Rejection
19
23
dBc
LO to RF Isolation
Taken without external 90° IF hybrid
38
43
dB
LO to IF Isolation
Taken without external 90° IF hybrid
25
dB
Phase Balance
Taken without external 90° IF hybrid
5
Degree
Amplitude Balance
Taken without external 90° IF hybrid
0.3
dB
7.1 GHz to 8.5 GHz PERFORMANCE
Conversion Loss
7.7
9.5
dB
Noise Figure
8
dB
Input Third-Order Intercept (IP3)
19
dBm
Input Power for 1dB Compression (P1dB)
10
dBm
Image Rejection
21
25
dBc
LO to RF Isolation
Taken without external 90° IF hybrid
38
43
dB
LO to IF Isolation
Taken without external 90° IF hybrid
25
dB
Phase Balance
Taken without external 90° IF hybrid
4
Degree
Amplitude Balance
Taken without external 90° IF hybrid
0.3
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com