Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC520ALC4TR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC520ALC4TR-R5
Description  Radio frequency (RF) range: 6 GHz to 10 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC520ALC4TR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC520ALC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC520ALC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
6 GHz to 10 GHz,
GaAs, MMIC, I/Q Mixer
Data Sheet
HMC520A
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Radio frequency (RF) range: 6 GHz to 10 GHz
Local oscillator (LO) input frequency range: 6 GHz to 10 GHz
Conversion loss: 8 dB typical at 6 GHz to 10 GHz
Image rejection: 23 dBc typical at 6 GHz to 10 GHz
LO to RF isolation: 43 dB typical
LO to intermediate frequency (IF) isolation: 25 dB typical
Input third-order intercept (IP3): 19 dBm typical
Input power for 1 dB compression (P1dB): 10 dBm typical at
7.1 GHz to 8.5 GHz
Wide IF frequency range: DC to 3.5 GHz
24-terminal, 4 mm × 4 mm, ceramic leadless chip carrier
APPLICATIONS
Point to point microwave radios
Point to multipoint radios
Video satellites (VSATs)
Digital radios
Instrumentation
Automatic test equipment (ATE)
FUNCTIONAL BLOCK DIAGRAM
13
1
3
4
2
NIC
NIC
GND
RF
5
6
GND
NIC
NIC
14 GND
15 LO
16 GND
17 NIC
18 NIC
GND
PACKAGE
BASE
90° HYBRID
HMC520A
Figure 1.
GENERAL DESCRIPTION
The HMC520A is a compact gallium arsenide (GaAs),
monolithic microwave integrated circuit (MMIC), in-phase
quadrature (I/Q) mixer in a 24-terminal, RoHS compliant,
ceramic leadless chip carrier (LCC) package. The device can
be used as either an image reject mixer or a single sideband
upconverter. The mixer uses two standard double balanced
mixer cells and a 90° hybrid fabricated in a GaAs, metal
semiconductor field effect transistor (MESFET) process. The
HMC520A is a much smaller alternative to a hybrid style image
reject mixer and a single sideband upconverter assembly. The
HMC520A eliminates the need for wire bonding, allowing the
use of surface-mount manufacturing techniques.


Similar Part No. - HMC520ALC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
240Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Micross Components
HMC520 MICROSS-HMC520 Datasheet
886Kb / 9P
Military Radar and ECM
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
More results

Similar Description - HMC520ALC4TR-R5

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8035-SCC TRIQUINT-TGA8035-SCC_15 Datasheet
204Kb / 7P
6 to 18-GHz Frequency Range
logo
Pasternack Enterprises,...
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
DC to 10 GHz Operating Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
DC to 10 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
DC to 6 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
6 GHz to 18 GHz Frequency Range
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
0.7 GHz to 6 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
2 GHz to 6 GHz Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com