Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCHQ613G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCHQ613G-AG6-R
Description  CMOS IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCHQ613G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCHQ613G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 6Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 7Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 8Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UCHQ613
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R121-030.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Voltage range
VIN
-0.3 ~ 7.0
V
DP1, DP2 output
voltage,DM1,DM2 output
voltage
-0.3 ~ 5.8
V
DP1, DP2 input
voltage,DM1,DM2 input
voltage
-0.3 ~ 5.8
V
DP1, DP2 input
current,DM1,DM2 input
current
Continuous output sink current
35
mA
DP1, DP2 output
current,DM1,DM2 output
current
Continuous output source
current
35
mA
Maximum Operating Junction
Temperature
TJ
-40 ~125
°C
Storage Temperature
TSTG
-65 ~ 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(4.5V≤VDD≤5.5V, Positive current are into pins. TC=25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
UNDERVOLTAGE LOCKOUT
IN rising UVLO threshold voltage
VUVLO
3.9
4.1
4.3
V
Hysteresis (1)
100
mV
SUPPLY CURRENT
IN supply current
IIN
4.5V≤VIN≤5.5V
155
200
uA
BC 1.2 DCP MODE( SHORT MODE)
DP1 and DM1shorting resistance
RDPM_SHORT1
VDP1=0.8V, IDM1=1mA
157
200
Ω
DP2 and DM2 shorting resistance
RDPM_SHORT2
VDP2=0.8V, IDM2=1mA
157
200
Ω
DIVIDER MODE
DP1 output voltage
VDP1_2.7V
VIN = 5 V
2.57
2.7
2.84
V
DM1 output voltage
VDM1_2V
VIN = 5 V
1.9
2
2.1
V
DP1 output impedance
RDP1_PAD1
IDP1 = -5 μA
24
30
36
KΩ
DM1 output impedance
RDM1_PAD1
IDM1 = -5 μA
24
30
36
KΩ
DP2 output voltage
VDP2_2.7V
VIN = 5 V
2.57
2.7
2.84
V
DM2 output voltage
VDM2_2V
VIN = 5 V
1.9
2
2.1
V
DP2 output impedance
RDP2_PAD1
IDP2 = -5 μA
24
30
36
KΩ
DM2 output impedance
RDM2_PAD1
IDM2 = -5 μA
24
30
36
KΩ
1.2V / 1.2V MODE
DP1 output voltage
VDP1_1.2V
VIN = 5 V
1.12
1.2
1.28
V
DM1 output voltage
VDM1_1.2V
VIN = 5 V
1.12
1.2
1.28
V
DP1 output impedance
RDP1_PAD2
IDP1 = -5 μA
80
102
130
KΩ
DM1 output impedance
RDM1_PAD2
IDM1 = -5 μA
80
102
130
KΩ
DP2 output voltage
VDP2_1.2V
VIN = 5 V
1.12
1.2
1.28
V
DM2 output voltage
VDM2_1.2V
VIN = 5 V
1.12
1.2
1.28
V
DP2 output impedance
RDP2_PAD2
IDP2 = -5 μA
80
102
130
KΩ
DM2 output impedance
RDM2_PAD2
IDM2 = -5 μA
80
102
130
KΩ
Note: Specified by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com