Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCHQ613G-AG6-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UCHQ613G-AG6-R
Description  CMOS IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCHQ613G-AG6-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UCHQ613G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 6Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 7Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 8Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UCHQ613
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R121-030.a
FUNCTIONAL DESCRIPTION
OVERVIEW
The following overview references various industry standards. It is always recommended to consult the latest
standard to ensure the most recent and accurate information.
Rechargeable portable equipment requires an external power source to charge its batteries. USB ports are
convenient locations for charging because of an available 5-V power source. Universally accepted standards are
required to ensure host and client-side devices meet the power management requirements. Traditionally, USB host
ports following the USB 2.0 Specification must provide at least 500 mA to downstream client-side devices. Because
multiple USB devices can be attached to a single USB port through a bus-powered hub, it is the responsibility of the
client-side device to negotiate the power allotment from the host to guarantee the total current draw does not exceed
500 mA. In general, each USB device can subsequently request more current, which is granted in steps of 100 mA
up 500 mA total. The host may grant or deny the request based on the available current.
Additionally, the success of the USB technology makes the micro-USB connector a popular choice for wall adapter
cables. This allows a portable device to charge from both a wall adapter and USB port with only one connector.
One common difficulty has resulted from this. As USB charging has gained popularity, the 500-mA minimum
defined by the USB 2.0 Specification or 900 mA defined in the USB 3.0 Specification, has become insufficient for
many handsets, tablets and personal media players (PMP) which have a higher rated charging current. Wall
adapters and car chargers can provide much more current than 500 mA or 900 mA to fast charge portable devices.
Several new standards have been introduced defining protocol handshaking methods that allow host and client
devices to acknowledge and draw additional current beyond the 500 mA (defined in the USB 2.0 Specification) or
900 mA (defined in the USB 3.0 Specification) minimum while using a single micro-USB input connector.
The UTC UCHQ613 support four of the most common protocols:
• USB Battery Charging Specification, Revision 1.2 (BC1.2)
• Chinese Telecommunications Industry Standard YD/T 1591-2009
• Divider mode
• 1.2 V on both D+ and D– lines
YD/T 1591-2009 is a subset of the BC1.2 specification supported by the vast majority of devices that implement
USB charging. Divider and 1.2-V charging schemes are supported in devices from specific yet popular device
makers. BC1.2 has three different port types, listed as follows.
• Standard downstream port (SDP)
• Charging downstream port (CDP)
• Dedicated charging port (DCP)
The BC1.2 Specification defines a charging port as a downstream facing USB port that provides power for
charging portable equipment.
Table 3 shows different port operating modes according to the BC1.2 Specification.
Table 3. Operating Modes Table
PORT TYPE
SUPPORTS USB2.0
COMMUNICATION
MAXIMUM ALLOWABLE
CURRENT DRAWN BY
PORTABLE EQUIPMENT (A)
SDP (USB 2.0)
YES
0.5
SDP (USB 3.0)
YES
0.9
CDP
YES
1.5
DCP
NO
1.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com