Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCHQ613G-AG6-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UCHQ613G-AG6-R
Description  CMOS IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCHQ613G-AG6-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UCHQ613G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 6Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 7Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 8Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UCHQ613
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R121-030.a
FUNCTIONAL DESCRIPTION (Cont.)
Applying 1.2 V to the D+ Line and 1.2 V to the D– Line
As shown in Figure 4, some tablet USB chargers require 1.2 V on the shorted data lines of the USB connector.The
maximum resistance between the D+ line and the D- line is 200 Ω.
The UTC UCHQ613 are USB dedicated charging port (DCP) controllers. Applications include vehicle power
charger, wall adapters with USB DCP and other USB chargers. The UTC UCHQ613 DCP controllers have the
auto-detect feature that monitors the D+ and D– line voltages of the USB connector, providing the correct electrical
signatures on the DP and DM pins for the correct detections of compliant portable devices to fast charge. These
portable devices include smart phones, 5-V tablets and personal media players.
DCP Auto-Detect
The UTC UCHQ613 integrate an auto-detect feature to support divider mode, short mode and 1.2 V / 1.2V modes.
If a divider device is attached, 2.7 V is applied to the DP pin and 2 V is applied to the DM pin. If a BC1.2-compliant
device is attached, the UTC UCHQ613 automatically switches into short mode. If a device compliant with the 1.2 V /
1.2 V charging scheme is attached, 1.2 V is applied on both the DP pin and the DM pin. The functional diagram of
DCP auto-detect feature (DM1 and DP1) is shown in Figure 5. DCP autodetect feature (DM2 and DP2 of UCHQ613)
has the same functional configuration.
VDD
GND
D-
D+
5 V
1.2 V
K1
K2
K3
K4
2.0 V
2.7 V
Divider 2
K1,K3:ON
K2,K4:OFF
Short Mode
K4:ON
K1,K2,K3:OFF
1.2V on DP1 and DM1
K2,K4:ON
K1,K3:OFF
Undervoltage Lockout (UVLO)
The undervoltage lockout (UVLO) circuit disables DP1, DM1, DP2 and DM2 output voltage until the input
voltage reaches the UVLO turn-on threshold. Built-in hysteresis prevents unwanted oscillations due to input voltage
drop from large current surges.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com