Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCHQ613G-AG6-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UCHQ613G-AG6-R
Description  CMOS IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCHQ613G-AG6-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UCHQ613G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 6Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 7Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 8Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UCHQ613
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R121-030.a
FUNCTIONAL DESCRIPTION (Cont.)
The BC1.2 Specification defines the protocol necessary to allow portable equipment to determine what type of port
it is connected to so that it can allot its maximum allowable current drawn. The hand-shaking process is two steps.
During step one, the primary detection, the portable equipment outputs a nominal 0.6 V output on its D+ line and
reads the voltage input on its D– line. The portable device concludes it is connected to a SDP if the voltage is less
than the nominal data detect voltage of 0.3 V. The portable device concludes that it is connected to a Charging Port
if the D– voltage is greater than the nominal data detect voltage of 0.3V and less than 0.8 V. The second step, the
secondary detection, is necessary for portable equipment to determine between a CDP and a DCP. The portable
device outputs a nominal 0.6 V output on its D– line and reads the voltage input on its D+ line. The portable device
concludes it is connected to a CDP if the data line being remains is less than the nominal data detect voltage of 0.3
V. The portable device concludes it is connected to a DCP if the data line being read is greater than the nominal data
detect voltage of 0.3 V and less than 0.8 V.
Dedicated Charging Port (DCP)
A dedicated charging port (DCP) is a downstream port on a device that outputs power through a USB
connector,but is not capable of enumerating a downstream device, which generally allows portable devices to fast
charge at their maximum rated current. A USB charger is a device with a DCP, such as a wall adapter or car power
adapter. A DCP is identified by the electrical characteristics of its data lines. The following DCP identification circuits
are usually used to meet the handshaking detections of different portable devices.
Short the D+ Line to the D– Line
The USB BC1.2 Specification and the Chinese Telecommunications Industry Standard YD/T 1591-2009 define
that the D+ and D– data lines should be shorted together with a maximum series impedance of 200 Ω. This is shown
in Figure 1.
Divider 1 (DCP Applying 2 V on D+ Line and 2.7 V on D– Line) or Divider 2 (DCP Applying 2.7 V on D+ Line
and 2 V on D– Line)
There are two charging schemes for divider DCP. They are named after Divider 1 and Divider 2 DCPs that are
shown in Figure 2 and Figure 3. The Divider 1 charging scheme is used for 5-W adapters, and applies 2 V to the D+
line and 2.7 V to the D– data line. The Divider 2 charging scheme is used for 10-W adapters, and applies 2.7 V on
the D+ line and 2 V is applied on the D– line.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com